Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 83 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 83 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 79Page - Texas Instruments MCT8317A Datasheet HTML 80Page - Texas Instruments MCT8317A Datasheet HTML 81Page - Texas Instruments MCT8317A Datasheet HTML 82Page - Texas Instruments MCT8317A Datasheet HTML 83Page - Texas Instruments MCT8317A Datasheet HTML 84Page - Texas Instruments MCT8317A Datasheet HTML 85Page - Texas Instruments MCT8317A Datasheet HTML 86Page - Texas Instruments MCT8317A Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 161 page
background image
Table 8-13. MOTOR_STARTUP2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
12-8
OPN_CL_HANDOFF_TH
R
R/W
0h
Open to closed loop handoff threshold
0h = 1 Hz
1h = 4 Hz
2h = 8 Hz
3h = 12 Hz
4h = 16 Hz
5h = 20 Hz
6h = 24 Hz
7h = 28 Hz
8h = 32 Hz
9h = 36 Hz
Ah = 40 Hz
Bh = 45 Hz
Ch = 50 Hz
Dh = 55 Hz
Eh = 60 Hz
Fh = 65 Hz
10h = 70 Hz
11h = 75 Hz
12h = 80 Hz
13h = 85 Hz
14h = 90 Hz
15h = 100 Hz
16h = 150 Hz
17h = 200 Hz
18h = 250 Hz
19h = 300 Hz
1Ah = 350 Hz
1Bh = 400 Hz
1Ch = 450 Hz
1Dh = 500 Hz
1Eh = 550 Hz
1Fh = 600 Hz
7
AUTO_HANDOFF
R/W
0h
Auto handoff enable
0h = Disable Auto Handoff (and use OPN_CL_HANDOFF_THR)
1h = Enable Auto Handoff
6
FIRST_CYCLE_FREQ_S
EL
R/W
0h
First cycle frequency select
0h = Defined by SLOW_FIRST_CYC_FREQ
1h = 0 Hz
5-2
MIN_DUTY
R/W
0h
Min operational duty cycle
0h = 0%
1h = 1.5 %
2h = 2 %
3h = 3 %
4h = 4 %
5h = 5 %
6h = 6 %
7h = 7 %
8h = 8 %
9h = 9 %
Ah = 10 %
Bh = 12 %
Ch = 15 %
Dh = 17.5 %
Eh = 20 %
Fh = 25 %
1-0
OL_HANDOFF_CYCLES
R/W
0h
Open loop handoff cycles
0h = 3
1h = 6
2h = 12
3h = 24
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com