Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 65 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 65 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 61Page - Texas Instruments MCT8317A Datasheet HTML 62Page - Texas Instruments MCT8317A Datasheet HTML 63Page - Texas Instruments MCT8317A Datasheet HTML 64Page - Texas Instruments MCT8317A Datasheet HTML 65Page - Texas Instruments MCT8317A Datasheet HTML 66Page - Texas Instruments MCT8317A Datasheet HTML 67Page - Texas Instruments MCT8317A Datasheet HTML 68Page - Texas Instruments MCT8317A Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 161 page
background image
8.5.2 SOX Output
MCT8317A can provide the built-in current sense amplifiers' output on the SOX pin. SOX output is available on
pin 36 and can be configured by DAC_SOX_CONFIG.
8.5.3 Oscillator Source
MCT8317A has a built-in oscillator that is used as the clock source for all digital peripherals and timing
measurements. Default configuration for MCT8317A is to use the internal oscillator and it is sufficient to drive the
motor without need for any external crystal or clock sources.
In case MCT8317A does not meet accuracy requirements of timing measurement or speed loop, then
MCT8317A has an option to support an external clock reference.
In order to improve EMI performance, MCT8317A provides the option of modulating the clock frequency by
enabling Spread Spectrum Modulation (SSM) through SSM_CONFIG
.
8.5.3.1 External Clock Source
Speed loop accuracy of MCT8317A over wide operating temperature range can be improved by providing more
accurate optional clock reference on EXT_CLK pin as shown in Figure 8-46. EXT_CLK will be used to calibrate
internal clock oscillator and match the accuracy of the external clock. External clock source can be selected
by configuring CLK_SEL to 11b and setting EXT_CLK_EN to 1b. The external clock source frequency can be
configured through EXT_CLK_CONFIG.
Internal
Oscillator
(60 MHz)
Calibrate
EXT_CLK
Figure 8-46. External Clock Reference
Note
External clock is optional and can be used when higher clock accuracy is needed. MCT8317A will
always power up using the internal oscillator in all modes.
8.5.4 External Watchdog
MCT8317A provides an external watchdog feature - EXT_WD_EN bit should be set to 1b to enable the external
watchdog. When this feature is enabled, the device waits for a tickle (low to high transition in GPIO mode,
EXT_WD_STATUS_SET set to 1b in I2C mode) from the external watchdog input for a configured time interval;
if the time interval between two consecutive tickles is higher than the configured time, a watchdog fault is
triggered. This fault can be configured using EXT_WD_FAULT either as a report only fault or as a latched fault
with outputs in Hi-Z state. The latched fault can be cleared by writing 1b to CLR_FLT. In case, the next tickle
arrives before the configured time interval elapses, the watchdog timer is reset and it begins to wait for the next
tickle. This can be used to continuously monitor the health of an external MCU (which is the external watchdog
input) and put the MCT8317A outputs in Hi-Z in case the external MCU is in an erroneous state.
The external watchdog input is selected using EXT_WD_INPUT and can either be the EXT_WD pin or the I2C
interface . The time interval between two tickles to trigger a watchdog fault is configured by EXT_WD_FREQ;
there are 4 time (frequency) settings - 100 (10Hz), 200 (5Hz), 500 (2Hz) and 1000ms (1Hz).
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com