Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 82 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 82 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 78Page - Texas Instruments MCT8317A Datasheet HTML 79Page - Texas Instruments MCT8317A Datasheet HTML 80Page - Texas Instruments MCT8317A Datasheet HTML 81Page - Texas Instruments MCT8317A Datasheet HTML 82Page - Texas Instruments MCT8317A Datasheet HTML 83Page - Texas Instruments MCT8317A Datasheet HTML 84Page - Texas Instruments MCT8317A Datasheet HTML 85Page - Texas Instruments MCT8317A Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 161 page
background image
Table 8-13. MOTOR_STARTUP2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
17-13
OL_ACC_A2
R/W
0h
Open loop acceleration A2
0h = 0.005 Hz/s2
1h = 0.01 Hz/s2
2h = 0.025 Hz/s2
3h = 0.05 Hz/s2
4h = 0.1 Hz/s2
5h = 0.25 Hz/s2
6h = 0.5 Hz/s2
7h = 1 Hz/s2
8h = 2.5 Hz/s2
9h = 5 Hz/s2
Ah = 7.5 Hz/s2
Bh = 10 Hz/s2
Ch = 12.5 Hz/s2
Dh = 15 Hz/s2
Eh = 20 Hz/s2
Fh = 30 Hz/s2
10h = 40 Hz/s2
11h = 50 Hz/s2
12h = 60 Hz/s2
13h = 75 Hz/s2
14h = 100 Hz/s2
15h = 125 Hz/s2
16h = 150 Hz/s2
17h = 175 Hz/s2
18h = 200 Hz/s2
19h = 250 Hz/s2
1Ah = 300 Hz/s2
1Bh = 400 Hz/s2
1Ch = 500 Hz/s2
1Dh = 750 Hz/s2
1Eh = 1000 Hz/s2
1Fh = No Limit (32767) Hz/s2
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com