Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 53 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 53 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 49Page - Texas Instruments MCT8317A Datasheet HTML 50Page - Texas Instruments MCT8317A Datasheet HTML 51Page - Texas Instruments MCT8317A Datasheet HTML 52Page - Texas Instruments MCT8317A Datasheet HTML 53Page - Texas Instruments MCT8317A Datasheet HTML 54Page - Texas Instruments MCT8317A Datasheet HTML 55Page - Texas Instruments MCT8317A Datasheet HTML 56Page - Texas Instruments MCT8317A Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 161 page
background image
8.3.18.1 FG Output Frequency
The FG output frequency can be configured by FG_DIV_FACTOR. In MCT8317A, FG toggles once every
commutation cycle if FG_DIV_FACTOR is set to 0000b. Many applications require the FG output to provide a
pulse for every mechanical rotation of the motor. Different FG_DIV_FACTOR configurations can accomplish this
for 2-pole up to 30-pole motors.
Figure 8-42 shows the FG output when MCT8317A has been configured to provide FG pulses once every
commutation cycle (electrical cycle/3), once every electrical cycle (2 poles), once every two electrical cycle (4
poles), once every three electrical cycles (6 poles), once every four electrical cycles (8 poles), and so on.
Phase A
Voltage
FG_DIV_FACTOR = 0000b
(Commuta on cycle)
FG_DIV_FACTOR = 0001b
(Elec cycle)
FG_DIV_FACTOR = 0011b
(Elec cycle*3)
FG_DIV_FACTOR = 0100b
(Elec cycle*4)
FG_DIV_FACTOR = 0010b
(Elec cycle*2)
Figure 8-42. FG Frequency Divider
8.3.18.2 FG Open-Loop and Lock Behavior
During closed loop operation, the driving speed (FG output frequency) and the actual motor speed are
synchronized. During open-loop operation, however, FG may not reflect the actual motor speed. During motor-
lock condition, the FG output is driven high.
The MCT8317A provides three options for controlling the FG output during open loop, as shown in Figure 8-43.
The selection of these options is configured through FG_SEL.
If FG_SEL is set to,
• 00b: When in open loop, the FG output is based on the driving frequency.
• 01b: When in open loop, the FG output will be driven high.
• 10b: The FG output will reflect the driving frequency during open loop operation in the first motor start-up
cycle after power-on, sleep/standby; FG will be held high during open loop operation in subsequent start-up
cycles.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com