Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 4 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 4 Page - Texas Instruments

  MCT8317A Datasheet HTML 1Page - Texas Instruments MCT8317A Datasheet HTML 2Page - Texas Instruments MCT8317A Datasheet HTML 3Page - Texas Instruments MCT8317A Datasheet HTML 4Page - Texas Instruments MCT8317A Datasheet HTML 5Page - Texas Instruments MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 161 page
background image
6 Pin Configuration and Functions
36
35
34
33
32
31
30
29
DVDD
DGND
AVDD
1
2
3
4
5
6
7
8
9
10
CPL
CPH
CP
VIN_AVDD
VM
VM
PGND
28
27
26
25
24
23
22
21
20
19
11
12
13
14
15
16
17
18
DIR
SCL
SDA
FG
SPEED/WAKE
AVDD
AGND
VM
VM
PGND
Thermal Pad
Figure 6-1. MCT8317A 36-pin WQFN with Exposed Thermal Pad Top View
Table 6-1. Pin Functions
PIN
40-pin
Package
TYPE(1)
DESCRIPTION
NAME
MCT8317A
AGND
22
GND
Device analog ground.
AVDD
23
PWR O
3.3-V internal regulator output. Connect a X5R or X7R, 2.2-µF (no load) or 4.7-µF (up to 20
mA load), 6.3-V ceramic capacitor between the AVDD1 and AGND pins. This regulator can
source up to 20 mA externally.
BRAKE
31
I
High → Brake the motor
Low → Normal motor operation
If BRAKE pin is not used, connect to AGND directly.
If BRAKE pin is used to brake the motor, use an external 100-kΩ pull-down resistor (to
AGND).
CP
6
PWR
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between the CP
and VM pins.
CPH
5
PWR
Charge pump switching node. Connect a X5R or X7R, 100-nF, ceramic capacitor between
the CPH and CPL pins. TI recommends a capacitor voltage rating at least twice the normal
operating voltage of the device.
CPL
4
PWR
DACOUT2/S
OX
32
O
Multipurpose pin:
DAC output when configured as DACOUT2
CSA output configured as SOX
DACOUT1
34
O
DAC output DACOUT1
DACOUT2
33
O
DAC output DACOUT2
DGND
2
GND
Device digital ground. Refer Layout Guidelines for connections recommendation.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com