Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 13 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 13 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments MCT8317A Datasheet HTML 15Page - Texas Instruments MCT8317A Datasheet HTML 16Page - Texas Instruments MCT8317A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 161 page
background image
7.6 Characteristics of the SDA and SCL bus for Standard and Fast mode
at TJ = –25°C to +125°C, VVM = 6 to 18 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Standard-mode
fSCL
SCL clock frequency
0
100
kHz
tHD_STA
Hold time (repeated) START condition
After this period, the first clock pulse is
generated
SCL fall (Tf 70% to 30% =
6.5ns-106.5ns),
SDA fall (Tf 70% to 30% = 6.5ns-106.5ns)
4
µs
tLOW
Low period of the SCL clock
4.7
µs
tHIGH
High period of the SCL clock
4
µs
tSU_STA
Set-up time for a repeated START
condition
SCL rise (Tr 30% to 70% =
600ns-1000ns),
SDA fall (Tf 70% to 30% = 6.5ns-106.5ns)
4.7
µs
tHD_DAT
I2C Start Data Hold Time (1)
SCL fall (Tf 70% to 30% =
6.5ns-106.5ns),
SDA rise (Tr 30% to 70%=
600ns-1000ns) or fall (Tf 70% to 30% =
6.5ns-106.5ns)
0 (2)
(3)
µs
I2C Input Data Transfer Hold Time (1)
SCL fall (Tf 70% to 30% =
6.5ns-106.5ns),
SDA rise (Tr 30% to 70%=
600ns-1000ns) or fall (Tf 70% to 30% =
6.5ns-106.5ns)
0 (2)
(3)
µs
tSU_DAT
I2C False Start/Stop Data Set-up Time
SCL rise (Tr 30% to 70% =
600ns-1000ns),
SDA rise (Tr 30% to 70%=
600ns-1000ns) or fall (Tf 70% to 30% =
6.5ns-106.5ns)
250
ns
I2C Input Data Transfer Set-up Time
SCL rise (Tr 30% to 70% =
600ns-1000ns),
SDA rise (Tr 30% to 70%=
600ns-1000ns) or fall (Tf 70% to 30% =
6.5ns-106.5ns)
250
ns
tr
Rise time for both SDA and SCL signals
1000
ns
tf
Fall time of both SDA and SCL signals (2)
(5) (6) (7)
300
ns
tSU_STO
Set-up time for STOP condition
SCL rise (Tr 30% to 70% =
600ns-1000ns),
SDA rise (Tr 30% to 70% =
600ns-1000ns)
4
µs
tBUF
Bus free time between STOP and START
condition
4.7
µs
Cb
Capacitive load for each bus line (8)
400
pF
tVD_DAT
Data valid time (9)
3.45 (3)
µs
tVD_ACK
Data valid acknowledge time (10)
3.45 (3)
µs
VnL
Noise margin at the Low level
For each connected device (including
hysteresis)
0.12
V
Vnh
Noise margin at the High level
For each connected device (including
hysteresis)
0.24
V
Fast-mode
fSCL
SCL clock frequency
0
400
kHz
tHD_STA
Hold time (repeated) START condition
After this period, the first clock pulse is
generated
SCL fall (Tf 70% to 30% =
6.5ns-106.5ns),
SDA fall (Tf 70% to 30% = 6.5ns-106.5ns)
0.6
µs
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com