Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 48 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 48 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 44Page - Texas Instruments MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments MCT8317A Datasheet HTML 49Page - Texas Instruments MCT8317A Datasheet HTML 50Page - Texas Instruments MCT8317A Datasheet HTML 51Page - Texas Instruments MCT8317A Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 161 page
background image
0
o
60
o
120
o
180
o
300
o
360
o
Vpeak
2
Vpeak
240
o
Electrical Angle, θ (degree)
Vpeak
Vpeak
2
Vpeak
2
Vpeak
Tc
Figure 8-35. Back-EMF integration using floating phase voltage
In Figure 8-35 , Vpeak is the peak-peak value of the back-EMF , Vpeak/2 denotes the zero cross of the
back-EMF and Tc is the commutation interval or time period of the 60o window. The highlighted triangle in each
60o window is the integral value of back-EMF used by the algorithm to determine the commutation instant. This
integral value, which can be approximated as the area of the highlighted triangle, is given by Equation 5.
(½)* (Vpeak/2) * Tc/2
(5)
See for an example application on setting the BEMF threshold.
8.3.15.2 Dynamic Degauss
In MCT8317A, the degauss time can be dynamically computed after the commutation for a precise detection of
the zero crossing instant. This is done by enabling the dynamic degauss feature (DYN_DEGAUSS_EN is set
to 1b). This feature allows the motor control algorithm to capture the zero crossing instant after the outgoing
(floating) phase voltage is completely settled; that is, when the outgoing phase current has decayed to zero
and the outgoing (floating) phase voltage is not clamped (to either VM or PGND) and represents the true
back-EMF. This accurate measurement of zero cross instant allows fast acceleration of the motors (< 50ms)
using MCT8317A.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com