Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 68 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 68 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 64Page - Texas Instruments MCT8317A Datasheet HTML 65Page - Texas Instruments MCT8317A Datasheet HTML 66Page - Texas Instruments MCT8317A Datasheet HTML 67Page - Texas Instruments MCT8317A Datasheet HTML 68Page - Texas Instruments MCT8317A Datasheet HTML 69Page - Texas Instruments MCT8317A Datasheet HTML 70Page - Texas Instruments MCT8317A Datasheet HTML 71Page - Texas Instruments MCT8317A Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 161 page
background image
MEM_SEC – Memory Section: Each memory location in MCT8317A is addressed using three separate entities
in the control word – Memory Section, Memory Page, Memory Address. Memory Section is a 4-bit field which
denotes the memory section to which the memory location belongs like RAM, ROM etc.
MEM_PAGE – Memory Page: Memory page is a 4-bit field which denotes the memory page to which the
memory location belongs.
MEM_ADDR – Memory Address: Memory address is the last 12-bits of the address. The complete 22-bit
address is constructed internally by MCT8317A using all three fields – Memory Section, Memory Page, Memory
Address. For memory locations 0x000000-0x000800, memory section is 0x0, memory page is 0x0 and memory
address is the lowest 12 bits(0x000 for 0x000000, 0x080 for 0x000080 and 0x800 for 0x000800)
Data Bytes: For a write operation to MCT8317A, the 24-bit control word is followed by data bytes. The DLEN
field in the control word should correspond with the number of bytes sent in this section.
CRC Byte: If the CRC feature is enabled in the control word, CRC byte has to be sent at the end of a write
transaction. Procedure to calculate CRC is explained in CRC Byte Calculation below.
8.6.2.2 I2C Write Operation
MCT8317A write operation over I2C involves the following sequence.
1. I2C start condition.
2. The sequence starts with I2C target start byte, made up of 7-bit target ID (0x00) to identify the MCT8317A
along with the R/W bit set to 0.
3. The start byte is followed by 24-bit control word. Bit 23 in the control word has to be 0 as it is a write
operation.
4. The 24-bit control word is then followed by the data bytes. The length of the data byte depends on the DLEN
field.
a. While sending data bytes, the LSB byte is sent first. Refer below examples for more details.
b. 16-bit/32-bit write – The data sent is written to the address mentioned in Control Word.
c. 64-bit Write – 64-bit is treated as two 32-bit writes. The address mentioned in Control word is taken as
Addr 0. Addr 1 is calculating internally by MCT8317A by incrementing Addr 0 by 2. A total of 8 data
bytes are sent. The first 4 bytes (sent in LSB first way) are written to Addr 0 and the next 4 bytes are
written to Addr 1.
5. If CRC is enabled, the packet ends with a CRC byte. CRC is calculated for the entire packet (Target ID + W
bit, Control Word, Data Bytes).
6. I2C stop condition.
S
TARGET
ID [6:0]
CONTROL
WORD [23:16]
0
ACK
DATA
BYTES
P
Write – without CRC
2 / 4 / 8 DATA BYTES
ACK
CONTROL
WORD [15:8]
ACK
CONTROL
WORD [7:0]
ACK
ACK
DATA
BYTES
ACK
S
TARGET
ID [6:0]
CONTROL
WORD [23:16]
0
ACK
DATA
BYTES
P
Write – with CRC
2 / 4 / 8 DATA BYTES
ACK
CONTROL
WORD [15:8]
ACK
CONTROL
WORD [7:0]
ACK
ACK
ACK
CRC
DATA
BYTES
ACK
CRC includes {TARGET ID,0}, CONTROL WORD[23:0], DATA BYTES
Figure 8-47. I2C Write Operation Sequence
8.6.2.3 I2C Read Operation
MCT8317A read operation over I2C involves the following sequence.
1. I2C start condition.
2. The sequence starts with I2C target Start Byte.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com