Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 61 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 61 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 57Page - Texas Instruments MCT8317A Datasheet HTML 58Page - Texas Instruments MCT8317A Datasheet HTML 59Page - Texas Instruments MCT8317A Datasheet HTML 60Page - Texas Instruments MCT8317A Datasheet HTML 61Page - Texas Instruments MCT8317A Datasheet HTML 62Page - Texas Instruments MCT8317A Datasheet HTML 63Page - Texas Instruments MCT8317A Datasheet HTML 64Page - Texas Instruments MCT8317A Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 161 page
background image
8.3.19.8 Lock Detection Current Limit (LOCK_ILIMIT)
The lock detection current limit function provides a configurable threshold for limiting the current to prevent
damage to the system. The MCT8317A continuously monitors the output of the current sense amplifier (CSA)
through the ADC. If at any time, the voltage on the output of CSA exceeds LOCK_ILIMIT for a time longer
than tLCK_ILIMIT, a LOCK_ILIMIT event is recognized and action is taken according to LOCK_ILIMIT_MODE. The
threshold is set through LOCK_ILIMIT, the tLCK_ILIMIT is set through LOCK_ILIMIT_DEG. LOCK_ILIMIT_MODE
can be set to four different modes: LOCK_ILIMIT latched shutdown, LOCK_ILIMIT automatic retry, LOCK_ILIMIT
report only and LOCK_ILIMIT disabled.
8.3.19.8.1 LOCK_ILIMIT Latched Shutdown (LOCK_ILIMIT_MODE = 00xxb)
When a LOCK_ILIMIT event happens in this mode, the status of MOSFETs will be configured by
LOCK_ILIMIT_MODE and nFAULT is driven low. Status of MOSFETs during LOCK_ILIMIT:
• LOCK_ILIMIT_MODE = 0000b: All MOSFETs are turned OFF.
• LOCK_ILIMIT_MODE = 0001b: MOSFET which was switching is turned OFF while the one which was
conducting stays ON till inductive energy is completely recirculated.
• LOCK_ILIMIT_MODE = 0010b: All high-side MOSFETs are turned ON.
• LOCK_ILIMIT_MODE = 0011b: All low-side MOSFETs are turned ON.
The CONTROLLER_FAULT and LOCK_ILIMIT bits are set to 1b in the fault status registers. Normal operation
resumes (gate driver operation and the nFAULT pin is released) when the LOCK_ILIMIT condition clears and a
clear fault command is issued through the CLR_FLT bit.
8.3.19.8.2 LOCK_ILIMIT Automatic Recovery (LOCK_ILIMIT_MODE = 01xxb)
When a LOCK_ILIMIT event happens in this mode, the status of MOSFETs will be configured by
LOCK_ILIMIT_MODE and nFAULT is driven low. Status of MOSFETs during LOCK_ILIMIT:
• LOCK_ILIMIT_MODE = 0100b: All MOSFETs are turned OFF.
• LOCK_ILIMIT_MODE = 0101b: MOSFET which was switching is turned OFF while the one which was
conducting stays ON till inductive energy is completely recirculated.
• LOCK_ILIMIT_MODE = 0110b: All high-side MOSFETs are turned ON
• LOCK_ILIMIT_MODE = 0111b: All low-side MOSFETs are turned ON
The CONTROLLER_FAULT and LOCK_ILIMIT bits are set to 1b in the fault status registers. Normal operation
resumes automatically (gate driver operation and the nFAULT pin is released) after the tLCK_RETRY (configured
by LCK_RETRY) time lapses. The CONTROLLER_FAULT and LOCK_ILIMIT bits are reset to 0b after the
tLCK_RETRY period expires.
8.3.19.8.3 LOCK_ILIMIT Report Only (LOCK_ILIMIT_MODE = 1000b)
No protective action is taken when a LOCK_ILIMIT event happens in this mode. The lock detection current limit
event is reported by setting the CONTROLLER_FAULT and LOCK_ILIMIT bits to 1b in the fault status registers.
The gate drivers continue to operate. The external controller manages this condition by acting appropriately.
The reporting clears when the LOCK_ILIMIT condition clears and a clear fault command is issued through the
CLR_FLT bit.
8.3.19.8.4 LOCK_ILIMIT Disabled (LOCK_ILIMIT_MODE = 1xx1b)
No action is taken when a LOCK_ILIMIT event happens in this mode.
8.3.19.9 Over Temperature Warning (OTW)
If the die temperature exceeds the over temperature warning limit (TOTW), all the FETs are
disabled and the nFAULT pin is driven low. In addition, the DRIVER_FAULT and OTW bits in the
GATE_DRIVER_FAULT_STATUS register are set to 1b. Normal operation resumes (driver operation and the
nFAULT pin is released) when the die temperature decreases below the hysteresis point of the over temperature
warning limit (TOTW - TOTW_HYS). The OTW bit stays latched high indicating that a thermal event occurred until a
clear fault command is issued through the CLR_FLT bit. This protection feature cannot be disabled.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com