Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 64 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 64 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 60Page - Texas Instruments MCT8317A Datasheet HTML 61Page - Texas Instruments MCT8317A Datasheet HTML 62Page - Texas Instruments MCT8317A Datasheet HTML 63Page - Texas Instruments MCT8317A Datasheet HTML 64Page - Texas Instruments MCT8317A Datasheet HTML 65Page - Texas Instruments MCT8317A Datasheet HTML 66Page - Texas Instruments MCT8317A Datasheet HTML 67Page - Texas Instruments MCT8317A Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 161 page
background image
8.4 Device Functional Modes
8.4.1 Functional Modes
8.4.1.1 Sleep Mode
In sleep mode, the MOSFETs, sense amplifiers, buck regulator, charge pump, AVDD LDO regulator and the
I2C bus are disabled. The device can be configured to enter sleep (instead of standby) mode by configuring
DEV_MODE to 1b. SPEED pin and I2C speed command determine entry and exit from sleep state as described
in Table 8-2.
Note
During power-up and power-down of the device, the nFAULT pin is held low as the internal regulators
are disabled. After the regulators have been enabled, the nFAULT pin is automatically released.
8.4.1.2 Standby Mode
The device can be configured to operate as a standby device by setting DEV_MODE to 0b. In standby mode, the
charge pump, AVDD LDO, buck regulator and I2C bus are active while the motor is in stopped state waiting for
a suitable non-zero speed command. SPEED pin (analog, PWM or frequency based speed input) or I2C speed
command (I2C based speed input) determines entry and exit from standby state as described in Table 8-2.
The thresholds for entering and exiting standby mode in different speed input modes are as follows,
1. Analog : VEN_SB = (ZERO_DUTY_THR x VANA_FS), VEX_SB = ((ZERO_DUTY_THR + ZERO_DUTY_HYST) x
VANA_FS)
2. PWM : DutyEN_SB = ZERO_DUTY_THR, DutyEX_SB = (ZERO_DUTY_THR + ZERO_DUTY_HYST)
3. I2C : SPEED_CTRLEN_SB = ZERO_DUTY_THR x 32767, SPEED_CTRLEX_SB = (ZERO_DUTY_THR +
ZERO_DUTY_HYST) x 32767
4. Frequency : FreqEN_SB = ZERO_DUTY_THR x INPUT_MAX_FREQUENCY, FreqEX_SB =
(ZERO_DUTY_THR + ZERO_DUTY_HYST) x INPUT_MAX_FREQUENCY
Table 8-2. Conditions to Enter or Exit Sleep or Standby Modes
SPEED
COMMAND
MODE
ENTER STANDBY
CONDITION
EXIT FROM STANDBY
CONDITION
ENTER SLEEP CONDITION
EXIT FROM SLEEP
CONDITION
Analog
VSPEED < VEN_SB
VSPEED > VEX_SB
VSPEED < VEN_SL for
tDET_SL_ANA
VSPEED > VEX_SL for tDET_ANA
PWM
DutySPEED < DutyEN_SB
DutySPEED > DutyEX_SB
VSPEED < VIL for tDET_SL_PWM VSPEED > VIH for tDET_PWM
I2C
SPEED_CTRL <
SPEED_CTRLEN_SB
SPEED_CTRL >
SPEED_CTRLEX_SB
SPEED_CTRL is set to
0b for SLEEP_TIME and
VSPEED < VIL
VSPEED > VIH for tDET_PWM
Frequency
FreqSPEED < FreqEN_SB
FreqSPEED > FreqEX_SB
VSPEED < VIL for tDET_SL_PWM VSPEED > VIH for tDET_PWM
8.4.1.3 Fault Reset (CLR_FLT)
In the case of latched faults, the device goes into a partial shutdown state to help protect the power MOSFETs
and system. When the fault condition clears, the device can go to the operating state again by setting the
CLR_FLT to 1b.
8.5 External Interface
8.5.1 DAC outputs
MCT8317A has two 12-bit DACs which output analog voltage equivalent of digital variables on DACOUT1
and DACOUT2 pins with resolution of 12 bits and maximum voltage is 3-V. Signals available on DACOUT
pins is useful in tracking algorithm variables in real-time and can be used for tuning speed controller
or motor acceleration time. The address for variables for DACOUT1 and DACOUT2 are configured using
DACOUT1_VAR_ADDR and DACOUT2_VAR_ADDR. DACOUT1 is available on pin 37 and DACOUT2 can be
configured on pin 36 by setting DAC_SOX_CONFIG to 00b. DACOUT2 is also available on pin 38.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com