Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 6 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 6 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 2Page - Texas Instruments MCT8317A Datasheet HTML 3Page - Texas Instruments MCT8317A Datasheet HTML 4Page - Texas Instruments MCT8317A Datasheet HTML 5Page - Texas Instruments MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 161 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Power supply pin voltage (VM, VIN_AVDD)
–0.3
24
V
Power supply voltage ramp during power up (VM)
4
V/µs
Voltage difference between ground pins (DGND,PGND, AGND)
–0.3
0.3
V
Charge pump voltage (CP)
–0.3
VM + 6
V
Analog regulator pin voltage (AVDD)
–0.3
4
V
Digital regulator pin voltage (DVDD)
–0.3
2
V
Logic pin input voltage (DIR, SPEED, BRAKE, SDA, SCL)
–0.3
6
V
Open drain pin output voltage (nFAULT ,FG)
–0.3
6
V
Output pin voltage (OUTA, OUTB, OUTC)
–1
VM + 1 (2)
V
Ambient temperature, TA
–40
125
°C
Junction temperature, TJ
–40
150
°C
Storage tempertaure, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime
(2)
Maximum voltage supported on OUTx pin is 24V
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VVM
Power supply voltage
VVM, VVIN_AVDD
4.5
12
20
V
IOUT (1)
Peak output winding current
VVM ≥ 6 V, OUTA, OUTB, OUTC
5
A
4.5 V ≤ VVM < 6 V, OUTA, OUTB, OUTC
3
A
VIN_LOGIC
Logic input voltage
SPEED, SDA, SCL
–0.3
5.5
V
VOD
Open drain pullup voltage
nFAULT, FG
–0.3
5.5
V
IOD
Open drain output current capability
nFAULT, FG
5
mA
TA
Operating ambient temperature
–40
125
°C
TJ
Operating Junction temperature
–40
150
°C
(1)
Power dissipation and thermal limits must be observed
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com