Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 7 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 7 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 3Page - Texas Instruments MCT8317A Datasheet HTML 4Page - Texas Instruments MCT8317A Datasheet HTML 5Page - Texas Instruments MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 161 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
MCT8317A
UNIT
REE (WQFN)
36
RθJA
Junction-to-ambient thermal resistance (JEDEC 4-layer PCB, 6 thermal vias)
36.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.2
°C/W
RθJB
Junction-to-board thermal resistance
14.7
°C/W
ΨJT
Junction-to-top characterization parameter
3.4
°C/W
ΨJB
Junction-to-board characterization parameter
14.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVMQ
VM sleep mode current
VSPEED ≤ VIL (Max), TA = 25 °C
5
7
µA
VSPEED ≤ VIL (Max) TA = 125 °C
15
20
µA
IVMS
VM standby mode current
[DEV_MODE = 1b (Sleep Mode) with
VSPEED > VIH(Min), I2C Speed command
= 0] or [DEV_MODE = 0b (Standby
Mode) with VSPEED ≤ VIL (Max) or I2C
speed command = 0]
25
28
mA
IVM
VM operating mode current
VSPEED > VIH (Min) in PWM mode or
non-zero speed command in I2C mode,
Output PWM Freq = 25 kHz, TA = 25 °C,
No Motor Connected
25
30
mA
VSPEED > VIH (Min) in PWM mode or
non-zero speed command in I2C mode,
Output PWM Freq = 25 kHz, No Motor
Connected
25
30
mA
VAVDD
Analog regulator voltage
VVM ≥ 6 V, VVIN_AVDD ≥ 6 V, 0 mA ≤
IAVDD ≤ 20 mA, including voltage, temp,
load and line transients
3.15
3.3
3.45
V
4.5 V ≤ VVM < 6 V, 4.5 V ≤ VVIN_AVDD <
6 V, 0 mA ≤ IAVDD ≤ 20 mA, including
voltage, temp, load and line transients
3.15
3.3
3.45
V
IAVDD
Analog regulator external load
4.5 V ≤ VVM < 6 V, 4.5 V ≤ VVIN_AVDD < 6
V
20
mA
Analog regulator external load
VVM ≥ 6V, VVIN_AVDD ≥ 6V
20
mA
IAVDD_LIM
Analog regulator current limit
VAVDD ≥ 2.7V, soft short to GND
100
125
150
mA
CAVDD
Capacitance for AVDD
External load IAVDD = 0 mA
0.5
2.2
7.05
uF
External load 0mA ≤ IAVDD ≤ 20 mA
2.35
4.7
7.05
uF
VDVDD
Digital regulator voltage
No External load, including voltage,
temp, load and line transients
1.45
1.55
1.65
V
IDVDD
External digital regulator load
No Load
mA
CDVDD
Capacitance for DVDD
External load IDVDD = 0 mA
0.6
2.2
7.05
uF
VCP
Charge pump regulator voltage
4.2 V ≤ VVM < 6 V, CP with respect to VM
3
5
5.5
V
VVM ≥ 6V, CP with respect to VM
4.5
5
5.5
V
fCP
Charge pump switching frequency
400
kHz
DRIVER OUTPUTS
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com