Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 21 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 21 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 17Page - Texas Instruments MCT8317A Datasheet HTML 18Page - Texas Instruments MCT8317A Datasheet HTML 19Page - Texas Instruments MCT8317A Datasheet HTML 20Page - Texas Instruments MCT8317A Datasheet HTML 21Page - Texas Instruments MCT8317A Datasheet HTML 22Page - Texas Instruments MCT8317A Datasheet HTML 23Page - Texas Instruments MCT8317A Datasheet HTML 24Page - Texas Instruments MCT8317A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
8.3.7 Motor Control Input Options
The MCT8317A offers three ways of controlling the motor:
1. SPEED Control: In speed control mode, the speed of the motor is controlled using a closed loop PI control
according to the input reference.
2. POWER Control: In power control mode, the DC input power of the inverter power stage is controlled using a
closed loop PI control according to the input reference.
3. VOLTAGE Control: In voltage control mode, the voltage (duty cycle) applied to the motor is controlled
according to the input reference.
The MCT8317A offers four methods of directly controlling the reference input of the motor. The reference control
method is configured by SPD_CTRL_MODE.
The reference (speed or power or voltage) input command can be controlled in one of the following four ways.
• PWM input on SPEED/WAKE pin by varying duty cycle of input signal
• Frequency input on SPEED/WAKE pin by varying frequency of input signal
• Analog input on SPEED/WAKE pin or DACOUT/SOx/SPEED_ANA pin by varying amplitude of input signal
• Over I2C by configuring SPEED_CTRL
The signal path from SPEED pin input (or I2C based speed input) to output duty cycle (DUTY_OUT) applied to
FETs is shown in Figure 8-8.
DUTY_CMD
Speed/Power
PI Loop
PWM
AVS, CL_ACC
DUTY_OUT
Transfer
Function
FETs
PWM
Analog
I
2C
PWM Duty
ADC
SPEED Pin
Freq
Freq based
Duty
VOLTAGE_REF (TARGET_DUTY)
Linear / Stair
case / Forw-
Rev Profiles
SPEED_REF
POWER_REF
REF_PROFILE_
CONFIG != 00b
REF_PROFILE_
CONFIG = 00b
CLOSED_LOOP_MODE
Figure 8-8. Multiplexing the Control Input Command
8.3.7.1 Analog Mode Speed Control
Analog input based speed control can be configured by setting SPD_CTRL_MODE to 00b. In this mode, the duty
command (DUTY_CMD) varies with the analog voltage input on the SPEED pin (VSPEED). When 0 ≤ VSPEED ≤
VEN_SB, DUTY_CMD is set to zero and the motor is stopped. When VEX_SB ≤ VSPEED ≤ VANA_FS, DUTY_CMD
varies linearly with VSPEED as shown in Figure 8-9. VEX_SB and VEN_SB are the standby entry and exit thresholds
- refer Section 8.4.1.2 for more information on VEX_SB and VEN_SB. When VSPEED > VANA_FS, DUTY_CMD is
clamped to 100%.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com