Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 85 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 85 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 81Page - Texas Instruments MCT8317A Datasheet HTML 82Page - Texas Instruments MCT8317A Datasheet HTML 83Page - Texas Instruments MCT8317A Datasheet HTML 84Page - Texas Instruments MCT8317A Datasheet HTML 85Page - Texas Instruments MCT8317A Datasheet HTML 86Page - Texas Instruments MCT8317A Datasheet HTML 87Page - Texas Instruments MCT8317A Datasheet HTML 88Page - Texas Instruments MCT8317A Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 161 page
background image
Table 8-14. CLOSED_LOOP1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
28-24
CL_ACC
R/W
0h
Closed loop acceleration rate
0h = 0.005 V/s
1h = 0.01 V/s
2h = 0.025 V/s
3h = 0.05 V/s
4h = 0.1 V/s
5h = 0.25 V/s
6h = 0.5 V/s
7h = 1 V/s
8h = 2.5 V/s
9h = 5 V/s
Ah = 7.5 V/s
Bh = 10 V/s
Ch = 12.5 V/s
Dh = 15 V/s
Eh = 20 V/s
Fh = 30 V/s
10h = 40 V/s
11h = 50 V/s
12h = 60 V/s
13h = 75 V/s
14h = 100 V/s
15h = 125 V/s
16h = 150 V/s
17h = 175 V/s
18h = 200 V/s
19h = 250 V/s
1Ah = 300 V/s
1Bh = 400 V/s
1Ch = 500 V/s
1Dh = 750 V/s
1Eh = 1000 V/s
1Fh = 32767 V/s
23
CL_DEC_CONFIG
R/W
0h
Closed loop decel configuration
0h = Close loop deceleration defined by CL_DEC
1h = Close loop deceleration defined by CL_ACC
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com