Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 73 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 73 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 69Page - Texas Instruments MCT8317A Datasheet HTML 70Page - Texas Instruments MCT8317A Datasheet HTML 71Page - Texas Instruments MCT8317A Datasheet HTML 72Page - Texas Instruments MCT8317A Datasheet HTML 73Page - Texas Instruments MCT8317A Datasheet HTML 74Page - Texas Instruments MCT8317A Datasheet HTML 75Page - Texas Instruments MCT8317A Datasheet HTML 76Page - Texas Instruments MCT8317A Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 161 page
background image
8.7.1.1 ISD_CONFIG Register (Offset = 80h) [Reset = 00000000h]
ISD_CONFIG is shown in Figure 8-49 and described in Table 8-11.
Return to the Table 8-9.
Register to configure initial speed detect settings
Figure 8-49. ISD_CONFIG Register
31
30
29
28
27
26
25
24
PARITY
ISD_EN
BRAKE_EN
HIZ_EN
RVS_DR_EN
RESYNC_EN
STAT_BRK_EN STAT_DETECT
_THR
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
STAT_DETECT_THR
BRK_MODE
RESERVED
RESERVED
BRK_TIME
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
BRK_TIME
HIZ_TIME
STARTUP_BRK
_TIME
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
STARTUP_BRK_TIME
RESYNC_MIN_THRESHOLD
MTR_STARTUP
IPD_RLS_MOD
E
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-11. ISD_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30
ISD_EN
R/W
0h
ISD enable
0h = Disable
1h = Enable
29
BRAKE_EN
R/W
0h
Brake enable
0h = Disable
1h = Enable
28
HIZ_EN
R/W
0h
Hi-Z enable
0h = Disable
1h = Enable
27
RVS_DR_EN
R/W
0h
Reverse drive enable
0h = Disable
1h = Enable
26
RESYNC_EN
R/W
0h
Resynchronization enable
0h = Disable
1h = Enable
25
STAT_BRK_EN
R/W
0h
Enable or disable brake during stationary
0h = Disable
1h = Enable
24-22
STAT_DETECT_THR
R/W
0h
Stationary BEMF detect threshold
0h = 5 mV
1h = 10 mV
2h = 15 mV
3h = 20 mV
4h = 25 mV
5h = 30 mV
6h = 50 mV
7h = 100 mV
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com