Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 37 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 37 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 33Page - Texas Instruments MCT8317A Datasheet HTML 34Page - Texas Instruments MCT8317A Datasheet HTML 35Page - Texas Instruments MCT8317A Datasheet HTML 36Page - Texas Instruments MCT8317A Datasheet HTML 37Page - Texas Instruments MCT8317A Datasheet HTML 38Page - Texas Instruments MCT8317A Datasheet HTML 39Page - Texas Instruments MCT8317A Datasheet HTML 40Page - Texas Instruments MCT8317A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 161 page
background image
Clock
IPD_CLK
Drive
B C
C B
A B
B A
C A
A C
Current
Search the Minimum Time
IPD_CURR_THR
A
B
C
Minimum
Time
Smallest
Inductance
Saturation Position of
the Magnetic Field
Permanent
Magnet Position
Figure 8-21. IPD Function
8.3.9.4.3.2 IPD Release Mode
Two modes are available for configuring the way the MCT8317A stops driving the motor when the current
threshold is reached. The recirculate (or brake) mode is selected if IPD_RLS_MODE = 0b. In this configuration,
the low-side (LSC) MOSFET remains ON to allow the current to recirculate between the MOSFET (LSC) and
body diode (LSA) (see Figure 8-22). Hi-Z mode is selected if IPD_RLS_MODE = 1b. In Hi-Z mode, both the
high-side (HSA) and low-side (LSC) MOSFETs are turned OFF and the current recirculates through the body
diodes back to the power supply (see Figure 8-23).
In the Hi-Z mode, the phase current has a faster settle-down time, but that can result in a voltage increase on
VM. The user must manage this with an appropriate selection of either a clamp circuit or by providing sufficient
capacitance between VM and GND to absorb the energy. If the voltage surge cannot be contained or if it is
unacceptable for the application, recirculate mode must be used. When using the recirculate mode, select the
IPD_CLK_FREQ appropriately to give the current in the motor windings enough time to decay to to 0-A before
the next IPD phase pattern is applied.
M
HSA
LSA
HSB
HSC
LSB
LSC
VM
Driving
Brake (Recirculate)
M
HSA
LSA
HSB
HSC
LSB
LSC
VM
Figure 8-22. IPD Release Mode 0
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com