Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 36 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 36 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 32Page - Texas Instruments MCT8317A Datasheet HTML 33Page - Texas Instruments MCT8317A Datasheet HTML 34Page - Texas Instruments MCT8317A Datasheet HTML 35Page - Texas Instruments MCT8317A Datasheet HTML 36Page - Texas Instruments MCT8317A Datasheet HTML 37Page - Texas Instruments MCT8317A Datasheet HTML 38Page - Texas Instruments MCT8317A Datasheet HTML 39Page - Texas Instruments MCT8317A Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 161 page
background image
The duty cycle during align is defined by ALIGN_DUTY. In MCT8317A, current limit during align is
configured through OL_ILIMIT_CONFIG and is determined by ILIMIT or OL_ILIMIT based on configuration of
OL_ILIMIT_CONFIG.
A fast change in the phase current during align may result in a sudden change in the driving torque and this
could result in acoustic noise. To avoid this, the MCT8317A ramps up duty cycle from 0 to until it reaches
ALIGN_DUTY at a configurable rate set by ALIGN_RAMP_RATE. At the end of align routine, the motor will be
aligned at the known position.
8.3.9.4.2 Double Align
Double align is enabled by configuring MTR_STARTUP to 01b. Single align is not reliable when the initial
position of the rotor is 180o out of phase with the applied phase pattern. In this case, it is possible to have
start-up failures using single align. In order to improve the reliabilty of align based start-up, the MCT8317A
provides the option of double align start-up. In double align start-up, MCT8317A uses a phase pattern for the
second align that is 60o out of phase with the first align phase pattern in the commanded direction. In double
align, relevant parameters like align time, current limit, ramp rate are the same as in the case of single align -
two different phase patterns are applied in succession with the same parameters to ensure that the motor will be
aligned to a known position irrespective of initial rotor position.
8.3.9.4.3 Initial Position Detection (IPD)
Initial Position Detection (IPD) can be enabled by configuring MTR_STARTUP to 10b. In IPD, inductive sense
method is used to determine the initial position of the motor using the spatial variation in the motor inductance.
Align or double align may result in the motor spinning in the reverse direction before starting open loop
acceleration. IPD can be used in such applications where reverse rotation of the motor is unacceptable. IPD
does not wait for the motor to align with the commutation and therefore can allow for a faster motor start-up
sequence. IPD works well when the inductance of the motor varies as a function of position. IPD works by
pulsing current in to the motor and hence can generate acoustics which must be taken into account when
determining the best start-up method for a particular application.
8.3.9.4.3.1 IPD Operation
IPD operates by sequentially applying six different phase patterns according to the following sequence:
BC-> CB-> AB-> BA-> CA-> AC (see Figure 8-21). When the current reaches the threshold configured by
IPD_CURR_THR, the MCT8317A stops driving the particular phase pattern and measures the time taken to
reach the current threshold from when the particular phase pattern was applied. Thus, the time taken to reach
IPD_CURR_THR is measured for all six phase patterns - this time varies as a function of the inductance in
the motor windings. The state with the shortest time represents the state with the minimum inductance. The
minimum inductance is because of the alignment of the north pole of the motor with this particular driving state.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com