Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 39 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 39 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 35Page - Texas Instruments MCT8317A Datasheet HTML 36Page - Texas Instruments MCT8317A Datasheet HTML 37Page - Texas Instruments MCT8317A Datasheet HTML 38Page - Texas Instruments MCT8317A Datasheet HTML 39Page - Texas Instruments MCT8317A Datasheet HTML 40Page - Texas Instruments MCT8317A Datasheet HTML 41Page - Texas Instruments MCT8317A Datasheet HTML 42Page - Texas Instruments MCT8317A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 161 page
background image
the motor generates sufficient BEMF to allow the BEMF zero-crossing based commutation control to accurately
drive the motor.
Speed (t) = A1 * t + 0.5 * A2 * t2
(2)
8.3.9.4.6 Transition from Open to Closed Loop
MCT8317A has an internal mechanism to determine the motor speed for transition from open loop commutation
to BEMF zero crossing based closed loop commutation. This feature of automatically deciding the open to
closed handoff speed can be enabled by configuring AUTO_HANDOFF to 1b. If AUTO_HANDOFF is set to 0b,
the open to closed loop handoff speed needs to be configured by OPN_CL_HANDOFF_THR. The closed loop in
this section does not refer to closed speed loop - it refers to the commutation control changing from open loop
(equation based) to closed loop (BEMF zero crossing based).
8.3.10 Closed Loop Operation
In closed loop operation, the MCT8317A drives the motor using trapezoidal commutation. The commutation
instant is determined by the BEMF zero crossing on the phase which is not driven (Hi-Z). The duty cycle of the
applied motor voltage is determined by DUTY OUT (see Motor Control Input Options).
8.3.10.1 120o Commutation
In 120o commutation, each phase is driven for 120o and is Hi-Z for 60o within each half electrical cycle as
shown in Figure 8-25. In 120o commutation there are six different commutation states. 120o commutation can
be configured by setting COMM_CONTROL to 00b. MCT8317A supports different modulation modes with 120o
commutation which can be configured through PWM_MODUL.
Phase
A
Phase
B
Phase
C
©
©
©
©
©
©
©
ZC
ZC
ZC
ZC
ZC
ZC
ZC
PHASE VOLTAGE
PHASE CURRENT
Commuta on point
©
Back-EMF zero crossings
ZC
Figure 8-25. 120o commutation
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com