Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 69 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 69 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 65Page - Texas Instruments MCT8317A Datasheet HTML 66Page - Texas Instruments MCT8317A Datasheet HTML 67Page - Texas Instruments MCT8317A Datasheet HTML 68Page - Texas Instruments MCT8317A Datasheet HTML 69Page - Texas Instruments MCT8317A Datasheet HTML 70Page - Texas Instruments MCT8317A Datasheet HTML 71Page - Texas Instruments MCT8317A Datasheet HTML 72Page - Texas Instruments MCT8317A Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 161 page
background image
3. The Start Byte is followed by 24-bit Control Word. Bit 23 in the control word has to be 1 as it is a read
operation.
4. The control word is followed by a repeated start or normal start.
5. MCT8317A sends the data bytes on SDA. The number of bytes sent by MCT8317A depends on the DLEN
field value in the control word.
a. While sending data bytes, the LSB byte is sent first. Refer the examples below for more details.
b. 16-bit/32-bit Read – The data from the address mentioned in Control Word is sent back.
c. 64-bit Read – 64-bit is treated as two 32-bit read. The address mentioned in Control Word is taken as
Addr 0. Addr 1 is calculating internally by MCT8317A by incrementing Addr 0 by 2. A total of 8 data
bytes are sent by MCT8317A. The first 4 bytes (sent in LSB first way) are read from Addr 0 and the next
4 bytes are read from Addr 1.
d. MCT8317A takes some time to process the control word and read data from the given address. This
involves some delay. It is quite possible that the repeated start with Target ID will be NACK’d. If the
I2C read request has been NACK’d by MCT8317A, retry after few cycles. During this retry, it is not
necessary to send the entire packet along with the control word. It is sufficient to send only the start
condition with target ID and read bit.
6. If CRC is enabled, then MCT8317A sends an additional CRC byte at the end. If CRC is enabled, external
MCU I2C controller has to read this additional byte before sending the stop bit. CRC is calculated for the
entire packet (Target ID + W bit, Control Word, Target ID + R bit, Data Bytes).
7. I2C stop condition.
S
TARGET
ID [6:0]
CONTROL
WORD [23:16]
0
ACK
DATA
BYTES
P
Read – without CRC
2 / 4 / 8 DATA BYTES
RS
TARGET
ID [6:0]
1
CRC includes {TARGET ID,0}, CONTROL WORD[23:0], {TARGET ID,1}, DATA BYTES
ACK
CONTROL
WORD [15:8]
ACK
CONTROL
WORD [7:0]
ACK
ACK
ACK
DATA
BYTES
ACK
S
TARGET
ID [6:0]
CONTROL
WORD [23:16]
0
ACK
DATA
BYTES
P
Read – with CRC
2 / 4 / 8 DATA BYTES
RS
TARGET
ID [6:0]
1
ACK
CONTROL
WORD [15:8]
ACK
CONTROL
WORD [7:0]
ACK
ACK
ACK
ACK
CRC
DATA
BYTES
ACK
Figure 8-48. I2C Read Operation Sequence
8.6.2.4 Examples of MCT8317A I2C Communication Protocol Packets
All values used in this example section are in hex format. I2C target ID used in the examples is 0x00.
Example for 32-bit Write Operation: Address – 0x00000080, Data – 0x1234ABCD, CRC Byte – 0x45 (Sample
value; does not match with the actual CRC calculation)
Table 8-6. Example for 32-bit Write Operation Packet
Start Byte
Control Word 0
Control Word 1
Control
Word 2
Data Bytes
CRC
Target
ID
I2C
Write
OP_R/
W
CRC_E
N
DLEN
MEM_S
EC
MEM_P
AGE
MEM_A
DDR
MEM_A
DDR
DB0
DB1
DB2
DB3
CRC
Byte
A6-A0
W0
CW23
CW22
CW21-
CW20
CW19-
CW16
CW15-
CW12
CW11-
CW8
CW7-
CW0
D7-D0
D7-D0
D7-D0
D7-D0
C7-C0
0x00
0x0
0x0
0x1
0x1
0x0
0x0
0x0
0x80
0xCD
0xAB
0x34
0x12
0x45
0x00
0x50
0x00
0x80
0xCD
0xAB
0x34
0x12
0x45
Example for 64-bit Write Operation: Address - 0x00000080, Data Address 0x00000080 - Data 0x01234567,
Data Address 0x00000082 – Data 0x89ABCDEF, CRC Byte – 0x45 (Sample value; does not match with the
actual CRC calculation)
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com