Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 46 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 46 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 42Page - Texas Instruments MCT8317A Datasheet HTML 43Page - Texas Instruments MCT8317A Datasheet HTML 44Page - Texas Instruments MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments MCT8317A Datasheet HTML 49Page - Texas Instruments MCT8317A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 161 page
background image
Kp
Ki
+
-
Z
-1
+
+
POWER_REF
POWER_MEAS
OUT
POWER_PI_OUT
VMAX
VMIN
Switch Close
If VMIN<OUT <VMAX
+
+
MEASURED INPUT
DC VOLTAGE
ESTIMATED
INPUT DC
CURRENT
DUTY CMD
MAX_POWER
Figure 8-33. Power Regulation
8.3.13 Anti-Voltage Surge (AVS)
When a motor is driven, energy is transferred from the power supply into the motor. Some of this energy
is stored in the form of inductive and mechanical energy. If the speed command suddenly drops such that
the BEMF voltage generated by the motor is greater than the voltage that is applied to the motor, then the
mechanical energy of the motor is returned to the power supply and the VM voltage surges. The AVS feature
works to prevent this voltage surge on VM and can be enabled by setting AVS_EN to 1b. AVS can be disabled by
setting AVS_EN to 0b. When AVS is disabled, the deceleration rate is configured through CL_DEC_CONFIG
8.3.14 Output PWM Switching Frequency
MCT8317A provides the option to configure the output PWM switching frequency of the MOSFETs through
PWM_FREQ_OUT. PWM_FREQ_OUT has range of 5-100 kHz. In order to select optimal output PWM switching
frequency, user has to make tradeoff between the current ripple and the switching losses. Generally, motors
having lower L/R ratio require higher PWM switching frequency to reduce current ripple.
8.3.15 Fast Start-up (< 50 ms)
MCT8317A has the capability to accelerate a motor from 0 to 100% speed within 50 ms. This will only work
on low inertia motors which are capable of this level of acceleration. In order to achieve fast start-up, the
commutation instant detection needs to be configured to hybrid mode by setting INTEG_ZC_METHOD to 1b. In
the hybrid mode, the commutation instant is determined by using back-EMF integration at low-medium speeds
and by using built-in comparators (BEMF zero crossing) at higher speeds. MCT8317A automatically transitions
between back-EMF integration and comparator based commutation depending on the motor speed as shown
in Figure 8-34. The duty cycles for commutation method transition at lower speeds are directly configured by
INTEG_DUTY_THR_LOW and INTEG_DUTY_THR_HIGH and at higher speeds are indirectly configured by
INTEG_CYC_THR_LOW and INTEG_CYC_THR_HIGH. These duty cycles should be configured to provide a
sufficient hysteresis band to avoid repeated commutation method transitions near threshold duty cycles. The
BEMF threshold values used to determine the commutation instant in the back-EMF integration method are
configured by BEMF_THRESHOLD1 and BEMF_THRESHOLD2.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com