Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 67 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 67 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 63Page - Texas Instruments MCT8317A Datasheet HTML 64Page - Texas Instruments MCT8317A Datasheet HTML 65Page - Texas Instruments MCT8317A Datasheet HTML 66Page - Texas Instruments MCT8317A Datasheet HTML 67Page - Texas Instruments MCT8317A Datasheet HTML 68Page - Texas Instruments MCT8317A Datasheet HTML 69Page - Texas Instruments MCT8317A Datasheet HTML 70Page - Texas Instruments MCT8317A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 161 page
background image
8.6.1.2 EEPROM Read
In MCT8317A, EEPROM read procedure is as follows,
1. Write 0x40000000 into register 0x0000E6 to read the EEPROM data into the shadow registers
(0x000080-0x0000AE).
2. Wait for 100ms for the EEPROM read operation to complete.
3. Read the shadow register values, 1 or 2 registers at a time, using the I2C read command as explained
in Section 8.6.2. Shadow register addresses are in the range of 0x000080-0x0000AE. Register address
increases in steps of 2 for 32-bit read operation (since each address is a 16-bit location).
8.6.2 I2C Serial Interface
MCT8317A interfaces with an external MCU over an I2C serial interface. MCT8317A is an I2C target to be
interfaced with a controller. External MCU can use this interface to read/write from/to any non-reserved register
in MCT8317A
Note
For reliable communication, a 100-µs delay should be used between every byte transferred over the
I2C bus.
8.6.2.1 I2C Data Word
The I2C data word format is shown in Table 8-3.
Table 8-3. I2C Data Word Format
TARGET_ID
R/W
CONTROL WORD
DATA
CRC-8
A6 - A0
W0
CW23 - CW0
D15 / D31/ D63 - D0
C7 - C0
Target ID and R/W Bit: The first byte includes the 7-bit I2C target ID (0x00), followed by the read/write command
bit. Every packet in MCT8317A the communication protocol starts with writing a 24-bit control word and hence
the R/W bit is always 0.
24-bit Control Word: The Target Address is followed by a 24-bit control bit. The control word format is shown in
Table 8-4.
Table 8-4. 24-bit Control Word Format
OP_R/W
CRC_EN
DLEN
MEM_SEC
MEM_PAGE
MEM_ADDR
CW23
CW22
CW21- CW20
CW19 - CW16
CW15 - CW12
CW11 - CW0
Each field in the control word is explained in detail below.
OP_R/W – Read/Write: R/W bit gives information on whether this is a read operation or write operation.
Bit value 0 indicates it is a write operation. Bit value 1 indicates it is a read operation. For write operation,
MCT8317A will expect data bytes to be sent after the 24-bit control word. For read operation, MCT8317A will
expect an I2C read request with repeated start or normal start after the 24-bit control word.
CRC_EN – Cyclic Redundancy Check(CRC) Enable: MCT8317A supports CRC to verify the data integrity.
This bit controls whether the CRC feature is enabled or not.
DLEN – Data Length: DLEN field determines the length of the data that will be sent by external MCU to
MCT8317A. MCT8317A protocol supports three data lengths: 16-bit, 32-bit and 64-bit.
Table 8-5. Data Length Configuration
DLEN Value
Data Length
00b
16-bit
01b
32-bit
10b
64-bit
11b
Reserved
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com