Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 87 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 87 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 83Page - Texas Instruments MCT8317A Datasheet HTML 84Page - Texas Instruments MCT8317A Datasheet HTML 85Page - Texas Instruments MCT8317A Datasheet HTML 86Page - Texas Instruments MCT8317A Datasheet HTML 87Page - Texas Instruments MCT8317A Datasheet HTML 88Page - Texas Instruments MCT8317A Datasheet HTML 89Page - Texas Instruments MCT8317A Datasheet HTML 90Page - Texas Instruments MCT8317A Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 161 page
background image
Table 8-14. CLOSED_LOOP1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
17-13
PWM_FREQ_OUT
R/W
0h
Output PWM switching frequency
0h = 5 kHz
1h = 6 kHz
2h = 7 kHz
3h = 8 kHz
4h = 9 kHz
5h = 10 kHz
6h = 11 kHz
7h = 12 kHz
8h = 13 kHz
9h = 14 kHz
Ah = 15 kHz
Bh = 16 kHz
Ch = 17 kHz
Dh = 18 kHz
Eh = 19 kHz
Fh = 20 kHz
10h = 25 kHz
11h = 30 kHz
12h = 35 kHz
13h = 40 kHz
14h = 45 kHz
15h = 50 kHz
16h = 55 kHz
17h = 60 kHz
18h = 65 kHz
19h = 70 kHz
1Ah = 75 kHz
1Bh = 80 kHz
1Ch = 85 kHz
1Dh = 90 kHz
1Eh = 95 kHz
1Fh = 100 kHz
12-11
PWM_MODUL
R/W
0h
PWM modulation.
0h = High-Side Modulation
1h = Low-Side Modulation
2h = Mixed Modulation
3h = N/A
10
PWM_MODE
R/W
0h
PWM mode
0h = Single Ended Mode
1h = Complementary Mode
9
LD_ANGLE_POLARITY
R/W
0h
Polarity of applied lead angle
0h = Negative
1h = Positive
8-1
LD_ANGLE
R/W
0h
Lead Angle {Lead Angle (deg) = LD_ANGLE * 0.12}
0
RESERVED
R/W
0h
Reserved
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com