Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 96 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 96 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 92Page - Texas Instruments MCT8317A Datasheet HTML 93Page - Texas Instruments MCT8317A Datasheet HTML 94Page - Texas Instruments MCT8317A Datasheet HTML 95Page - Texas Instruments MCT8317A Datasheet HTML 96Page - Texas Instruments MCT8317A Datasheet HTML 97Page - Texas Instruments MCT8317A Datasheet HTML 98Page - Texas Instruments MCT8317A Datasheet HTML 99Page - Texas Instruments MCT8317A Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 161 page
background image
Table 8-17. CLOSED_LOOP4 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
21-20
FAST_DEC_DEG_TIME
R/W
0h
Fast Decel Deglitch Time
0h = 2uS
1h = 4uS
2h = 8uS
3h = 14uS
19
WCOMP_BLANK_EN
R/W
0h
Enable WCOMP blanking during fast deceleration
0h = Disable
1h = Enable
18-16
FAST_DEC_DUTY_WIN
R/W
0h
Fast deceleration duty window
0h = 0 %
1h = 2.5 %
2h = 5 %
3h = 7.5 %
4h = 10 %
5h = 15 %
6h = 20 %
7h = 25 %
15-13
FAST_DEC_DUTY_THR
R/W
0h
Fast deceleration duty threshold
0h = 100 %
1h = 95 %
2h = 90 %
3h = 85 %
4h = 80 %
5h = 75 %
6h = 70%
7h = 65 %
12-9
DYN_BRK_CURR_LOW_
LIM
R/W
0h
Fast deceleration dynamic current limit lower threshold (Deceleration
current lower threshold (A) = DYN_BRK_CURR_LOW_LIM /
CSA_GAIN)
0h = N/A
1h = 0.1V
2h = 0.2 V
3h = 0.3 V
4h = 0.4 V
5h = 0.5 V
6h = 0.6 V
7h = 0.7 V
8h = 0.8 V
9h = 0.9 V
Ah = 1 V
Bh = 1.1 V
Ch = 1.2 V
Dh = 1.3 V
Eh = 1.4 V
Fh = 1.5 V
8
DYNAMIC_BRK_CURR
R/W
0h
Enable dynamic decrease in current limit during fast deceleration
0h = Disable
1h = Enable
7
FAST_DECEL_EN
R/W
0h
Fast deceleration enable
0h = Disable
1h = Enable
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
96
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com