Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 93 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 93 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 89Page - Texas Instruments MCT8317A Datasheet HTML 90Page - Texas Instruments MCT8317A Datasheet HTML 91Page - Texas Instruments MCT8317A Datasheet HTML 92Page - Texas Instruments MCT8317A Datasheet HTML 93Page - Texas Instruments MCT8317A Datasheet HTML 94Page - Texas Instruments MCT8317A Datasheet HTML 95Page - Texas Instruments MCT8317A Datasheet HTML 96Page - Texas Instruments MCT8317A Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 161 page
background image
Table 8-16. CLOSED_LOOP3 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
16-11
BEMF_THRESHOLD1
R/W
0h
BEMF threshold for integration based commutation during rising
floating phase voltage
0h = 0
1h = 25
2h = 50
3h = 75
4h = 100
5h = 125
6h = 150
7h = 175
8h = 200
9h = 225
Ah = 250
Bh = 275
Ch = 300
Dh = 325
Eh = 350
Fh = 375
10h = 400
11h = 425
12h = 450
13h = 475
14h = 500
15h = 525
16h = 550
17h = 575
18h = 600
19h = 625
1Ah = 650
1Bh = 675
1Ch = 700
1Dh = 725
1Eh = 750
1Fh = 775
20h = 800
21h = 850
22h = 900
23h = 950
24h = 1000
25h = 1050
26h = 1100
27h = 1150
28h = 1200
29h = 1250
2Ah = 1300
2Bh = 1350
2Ch = 1400
2Dh = 1450
2Eh = 1500
2Fh = 1550
30h = 1600
31h = 1700
32h = 1800
33h = 1900
34h = 2000
35h = 2100
36h = 2200
37h = 2300
38h = 2400
39h = 2600
3Ah = 2800
3Bh = 3000
3Ch = 3200
3Dh = 3400
3Eh = 3600
3Fh = 3800
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com