Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 47 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 47 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 43Page - Texas Instruments MCT8317A Datasheet HTML 44Page - Texas Instruments MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments MCT8317A Datasheet HTML 49Page - Texas Instruments MCT8317A Datasheet HTML 50Page - Texas Instruments MCT8317A Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 161 page
background image
Duty cycle
Commutation method
ZC based
Integration based
Duty 2
Duty 1
INTEG_DUTY
_THR_LOW
INTEG_DUTY
_THR_HIGH
Duty 1- Duty cycle at which motor speed is such that number
of BEMF samples per 30
o is > INTEG_CYCL_THR_HIGH
Duty 2 - Duty cycle at which motor speed is such that number
of BEMF samples per 30
o is < INTEG_CYCL_THR_LOW
Figure 8-34. Commutation Method Transition
8.3.15.1 BEMF Threshold
Figure 8-35 shows the three-phase voltages during 120o trapezoidal operation. It is seen that one of the phases
will always be floating within a 60o commuation interval and MCT8317A integrates this floating phase voltage
(which denotes the motor back-EMF) in the back-EMF integration method to detect the next commutation
instant. The floating phase voltage can either be increasing or decreasing and the algorithm starts the integration
after the zero cross detection in order to eliminate integration errors due to variable degauss time. The
floating phase voltage is periodically sampled (after zero cross) and added (discrete form of integration).
BEMF threshold (BEMF_THRESHOLD1 and BEMF_THRESHOLD2) value is set such that the integral value
of the floating phase voltage crosses the BEMF_THRESHOLD1 or BEMF_THRESHOLD2 value at (or very
near) to the commutation instant. BEMF_THRESHOLD1 is the threshold for rising floating phase voltage and
BEMF_THRESHOLD2 is the threshold for falling floating phase voltage. If BEMF_THRESHOLD2 is set to 0,
then BEMF_THRESHOLD1 is used as the threshold for both rising and falling floating phase voltage.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com