Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 76 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 76 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 72Page - Texas Instruments MCT8317A Datasheet HTML 73Page - Texas Instruments MCT8317A Datasheet HTML 74Page - Texas Instruments MCT8317A Datasheet HTML 75Page - Texas Instruments MCT8317A Datasheet HTML 76Page - Texas Instruments MCT8317A Datasheet HTML 77Page - Texas Instruments MCT8317A Datasheet HTML 78Page - Texas Instruments MCT8317A Datasheet HTML 79Page - Texas Instruments MCT8317A Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 161 page
background image
8.7.1.2 MOTOR_STARTUP1 Register (Offset = 82h) [Reset = 00000000h]
MOTOR_STARTUP1 is shown in Figure 8-50 and described in Table 8-12.
Return to the Table 8-9.
Register to configure motor startup settings1
Figure 8-50. MOTOR_STARTUP1 Register
31
30
29
28
27
26
25
24
PARITY
ALIGN_RAMP_RATE
ALIGN_TIME
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
ALIGN_TIME
ALIGN_CURR_THR
ALIGN_DUTY
R/W-0h
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
IPD_CLK_FREQ
IPD_CURR_THR
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
IPD_ADV_ANGLE
IPD_REPEAT
SLOW_FIRST_CYC_FREQ
R/W-0h
R/W-0h
R/W-0h
Table 8-12. MOTOR_STARTUP1 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-27
ALIGN_RAMP_RATE
R/W
0h
Align voltage ramp rate
0h = 0.1 V/s
1h = 0.2 V/s
2h = 0.5 V/s
3h = 1 V/s
4h = 2.5 V/s
5h = 5 V/s
6h = 7.5 V/s
7h = 10 V/s
8h = 25 V/s
9h = 50 V/s
Ah = 75 V/s
Bh = 100 V/s
Ch = 250 V/s
Dh = 500 V/s
Eh = 750 V/s
Fh = 1000 V/s
26-23
ALIGN_TIME
R/W
0h
Align time
0h = 5 ms
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 75 ms
5h = 100 ms
6h = 200 ms
7h = 400 ms
8h = 600 ms
9h = 800 ms
Ah = 1 s
Bh = 2 s
Ch = 4 s
Dh = 6 s
Eh = 8 s
Fh = 10 s
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
76
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com