Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 44 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 44 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 40Page - Texas Instruments MCT8317A Datasheet HTML 41Page - Texas Instruments MCT8317A Datasheet HTML 42Page - Texas Instruments MCT8317A Datasheet HTML 43Page - Texas Instruments MCT8317A Datasheet HTML 44Page - Texas Instruments MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 161 page
background image
Phase
BEMF
}
NEG
}
POS
Phase
Voltage
Phase
BEMF
Phase
Voltage
(a)
(b)
Figure 8-30. Positive and Negative Lead Angle Definition
8.3.10.4 Closed loop accelerate
To prevent sudden changes in the torque applied to the motor which could result in acoustic noise, the
MCT8317A device provides the option of limiting the maximum rate at which the speed command can change.
The closed loop acceleration rate parameter sets the maximum rate at which the speed command changes
(shown in Figure 8-31). In the MCT8317A, closed loop acceleration rate is configured through CL_ACC.
Speed command
input
Speed command
after closed loop
accelerate buffer
Closed loop
accelerate settings
x%
y%
x%
y%
Figure 8-31. Closed loop accelerate
8.3.11 Speed Loop
MCT8317A has a speed loop which can be used to maintain constant speed under varying operating conditions.
Speed loop is enabled by setting CLOSED_LOOP_MODE to 01b. Kp and Ki coefficients are configured through
SPD_POWER_KP and SPD_POWER_KI. The output of speed loop (SPEED_PI_OUT) is used to generate the
DUTY_OUT (see Figure 8-8). The PI controller output upper (VMAX) and lower bound (VMIN) saturation limits are
configured through SPD_POWER_V_MAX and SPD_POWER_V_MIN respectively. When output of the speed
loop saturates, the integrator is disabled to prevent integral wind-up. The speed loop PI controller is as in Figure
8-32.
SPEED_REF is derived from duty command input and maximum motor speed (MAX_SPEED) configured by
user (see Equation 3). In speed loop mode, minimum SPEED_REF is set by MIN_DUTY * MAX_SPEED.
SPEED_REF = DUTY CMD * MAX_SPEED
(3)
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com