Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 10 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 10 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 161 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STANDBY MODE
tEX_SB_DR_A
NA
Time taken to drive motor after exiting
standby mode
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED > VEN_SB, ISD detection disabled
6
ms
tEX_SB_DR_P
WM
Time taken to drive motor after exiting
standby mode
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED > VIH, ISD detection disabled
6
ms
tDET_SB_ANA Time needed to detect standby mode
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED < VEN_SB
0.5
1
2
ms
tEN_SB_PWM
Time needed to detect standby
command
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 00b
0.035
0.05
0.065
ms
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 01b
0.14
0.2
0.26
ms
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 10b
14
20
26
ms
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 11b
140
200
260
ms
tEN_SB_DIG
Time needed to detect standby mode
SPD_CTRL_MODE = 10b (I2C mode),
SPEED_CMD = 0
1
2
ms
tEN_SB
Time needed to stop driving motor after
detecting standby command
VSPEED < VEN_SL (analog mode) or
VSPEED < VDIG_IL (PWM mode) or
SPEED_CMD = 0 (I2C mode)
1
2
ms
LOGIC-LEVEL INPUTS (DIR, SPEED)
VIL
Input logic low voltage
AVDD = 3 to 3.6 V
0.25*AV
DD
V
VIH
Input logic high voltage
AVDD = 3 to 3.6 V
0.65*AV
DD
V
VHYS
Input hysteresis
110
400
mV
IIL
Input logic low current
AVDD = 3 to 3.6 V
0
0.1
µA
IIH
Input logic high current
AVDD < VPIN
-5
µA
AVDD≥VPIN
-0.1
0
µA
RPD_SPEED
Input pulldown resistance
SPEED pin To GND
900
1000
1100
kΩ
OPEN-DRAIN OUTPUTS (nFAULT, FG, etc)
VOL
Output logic low voltage
IOD = -5 mA
0.4
V
IOZ
Output logic high current
VOD = 3.3 V
0
0.5
µA
I2C Serial Interface
VI2C_L
Low-level input voltage
-0.5
0.3*AVD
D
mV
VI2C_H
High-level input voltage
0.7*AVD
D
mV
VI2C_HYS
Hysteresis
0.05*AV
DD
mV
VI2C_OL
Low-level output voltage
open-drain at 2 mA sink current
0
0.4
V
II2C_OL
Low-level output current
VI2C_OL = 0.6V
6
mA
II2C_IL
Input current on SDA and SCL
TJ = -40 to +150 ℃
-10
10
µA
Ci
Capacitance for SDA and SCL
10
pF
tof
Output fall time from VI2C_H(min) to
VI2C_L(max)
Standard Mode
250
ns
Fast Mode
250
ns
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com