Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 1 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 1 Page - Texas Instruments

  MCT8317A Datasheet HTML 1Page - Texas Instruments MCT8317A Datasheet HTML 2Page - Texas Instruments MCT8317A Datasheet HTML 3Page - Texas Instruments MCT8317A Datasheet HTML 4Page - Texas Instruments MCT8317A Datasheet HTML 5Page - Texas Instruments MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 161 page
background image
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
1 Features
• Three-phase BLDC motor driver with integrated
sensorless motor control algorithm
– Code-free high speed Trapezoidal Control
– Supports up to 3 kHz (electrical frequency)
– Very fast start-up time (< 50 ms)
– Fast Deceleration (< 150 ms)
– Supports 120° or 150° modulation to improve
acoustic performance
– Closed loop speed or power control
– Configurable profiles for speed or power input
reference
– Windmilling support through forward
resynchronization and reverse drive
– Analog, PWM, freq. or I2C based speed input
– Configurable motor start-up and stop options
– Anti-voltage surge (AVS) protection prevents
DC bus voltage spike during motor deceleration
– Variable monitoring through DACOUT
• 4.5- to 20-V operating voltage (24-V abs max)
• High output current capability: 5-A peak
• Low MOSFET on-state resistance
– RDS(ON) (HS + LS) at TA = 25°C : 130-mΩ
• Low power sleep mode
– 7-µA (maximum) at VVM = 12-V, TA = 25°C
• Speed loop accuracy: 3% with internal clock and
1% with external clock reference
• Supports up to 100-kHz PWM frequency for low
inductance motor support
• Does not require external current sense resistor
• Built-in 3.3-V ±5%, 20-mA LDO regulator
• Spread spectrum and slew rate for EMI mitigation
• Suite of Integrated protection features
– Supply under voltage lockout (UVLO)
– Motor lock detection (5 different types)
– Over current protection (OCP)
– Over temperature warning and shutdown
(OTW/OTS)
– Fault condition indication pin (nFAULT)
– Optional fault diagnostics over I2C interface
2 Applications
• Brushless-DC (BLDC) Motor Modules
• Robotic Vacuum Suction Motors
• Server Fans
• Appliance Fans and Pumps
3 Description
The MCT8317A provides a single-chip, code-
free sensorless trapezoidal solution for customers
requiring high speed operation (up to 3 kHz electrical)
or very fast start-up time (< 50 ms) for 12-V
brushless-DC motors up to 5-A peak current. The
MCT8317A integrates three ½-bridges with 24-V
absolute maximum capability and a very low RDS(ON)
of 130 mΩ (high-side + low-side FETs). MCT8317A
also features an LDO that generates a 3.3-V voltage
rail and can source up to 20 mA to power external
circuits.
Sensorless trapezoidal control is highly configurable
through register settings ranging from motor start-up
behavior to closed loop operation. Register settings
for MCT8317A can be set in non-volatile EEPROM,
which allows the device to operate stand-alone once
it has been configured. The device receives a speed
command through a PWM input, analog voltage,
variable frequency square wave or I2C command.
There are a large number of protection features
integrated into the MCT8317A, intended to protect the
device, motor, and system against fault events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MCT8317A0I
WQFN (36)
5.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Documentation for reference:
• Refer to the MCT8317A EVM GUI
MCT8317A
LDO Regulator
Integrated Current Sensing
EEPROM
Sensorless
Trap
DIRECTION
BRAKE
I
2C
Op onal during opera on
for I
2C speed, diagnos cs,
or on-the- y con gura on
PWM, analog, frequency or
commanded over I
2C
SPEED
FG
Speed feecback
nFAULT
DACOUTx
Op onal real- me variable
monitoring, 12-bit DAC
A
B
C
4.5 to 20-V (24-V abs max)
5-A peak output current,
typically 12-V
A
LDO out
3.3-V, up to 20-mA
Simplified Schematic
MCT8317A
SLLSFQ2 – JANUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - MCT8317A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8314Z TI1-MCT8314Z Datasheet
2Mb / 83P
MCT8314Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
MCT8314Z0HRRWR TI1-MCT8314Z0HRRWR Datasheet
3Mb / 85P
MCT8314Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
JUNE 2024
MCT8314ZH TI1-MCT8314ZH Datasheet
2Mb / 83P
MCT8314Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
MCT8314ZH TI1-MCT8314ZH Datasheet
3Mb / 85P
MCT8314Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
JUNE 2024
MCT8314ZS TI1-MCT8314ZS Datasheet
2Mb / 83P
MCT8314Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
More results

Similar Description - MCT8317A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8316Z TI-MCT8316Z Datasheet
2Mb / 91P
MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
MCF8316A TI-MCF8316A Datasheet
6Mb / 167P
MCF8316A Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
SLLSFI0 ??AUGUST 2021
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCF8316A TI-MCF8316A_V01 Datasheet
6Mb / 178P
MCF8316A Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
DECEMBER 2021
MCT8316A TI-MCT8316A_V01 Datasheet
5Mb / 179P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1_V01 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCF8315A TI-MCF8315A Datasheet
5Mb / 207P
MCF8315A Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
DECEMBER 2022
MCT8315A TI-MCT8315A Datasheet
4Mb / 166P
MCT8315A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2022
MCT8329A TI1-MCT8329A Datasheet
3Mb / 163P
MCT8329A High Speed Sensorless Trapezoidal Control Three-phase BLDC Gate Driver
JANUARY 2023
MCT8315Z TI1-MCT8315Z Datasheet
2Mb / 95P
MCT8315Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com