Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 5 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 5 Page - Texas Instruments

  MCT8317A Datasheet HTML 1Page - Texas Instruments MCT8317A Datasheet HTML 2Page - Texas Instruments MCT8317A Datasheet HTML 3Page - Texas Instruments MCT8317A Datasheet HTML 4Page - Texas Instruments MCT8317A Datasheet HTML 5Page - Texas Instruments MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 161 page
background image
Table 6-1. Pin Functions (continued)
PIN
40-pin
Package
TYPE(1)
DESCRIPTION
NAME
MCT8317A
DIR
28
I
Direction of motor spinning;
When low, phase driving sequence is OUT A → OUT C → OUT B
When high, phase driving sequence is OUT A → OUT B → OUT C
If DIR pin is not used, connect to AGND or AVDD directly (depending on phase driving
sequence needed).
If DIR pin is used for changing motor spin direction, use an external 100-kΩ pull-down resistor
(to AGND).
DVDD
1
PWR
1.5-V internal regulator output. Connect a X5R or X7R, 2.2-µF, 6.3-V ceramic capacitor
between the DVDD and DGND pins.
EXT_CLK
30
I
External clock reference input in external clock reference mode.
EXT_WD
29
I
External watchdog input.
FG
25
O
Motor speed indicator output. Open-drain output requires an external pull-up resistor to 1.8-V
to 5-V.
ILIMIT
-
I
Connect resistor to AGND for parameter configuration.
nFAULT
36
O
Fault indicator. Pulled logic-low with fault condition; Open-drain output requires an external
pull-up resistor to 1.8-V to 5-V.
OUTA
11,12
PWR O
Half-bridge output A
OUTB
14, 15
PWR O
Half-bridge output B
OUTC
17, 18
PWR O
Half-bridge output C
PGND
10, 13, 16, 19
GND
Device power ground.
SCL
27
I
I2C clock input
SDA
26
I/O
I2C data line
SPEED/
WAKE
24
I
Device speed input; supports analog, frequency or PWM speed input. The speed pin input
can be configured through SPD_CTRL_MODE.
VIN_AVDD
7
PWR I
Input supply for AVDD LDO
VM
8, 9, 20, 21
PWR I
Device and motor power supply. Connect to motor supply voltage; bypass to PGND with a
0.1-µF capacitor plus one bulk capacitor. TI recommends a capacitor voltage rating at least
twice the normal operating voltage of the device.
Thermal pad
GND
Must be connected to AGND
(1)
I = input, O = output, GND = ground pin, PWR = power, NC = no connect
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com