Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 106 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 106 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 102Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 103Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 104Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 105Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 106Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 107Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 108Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 109Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 110Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 410 page
background image
Page 92
8. I/O Ports
8.2 List of I/O Port Settings
TMP89FS60
RA005
8.2
List of I/O Port Settings
For the setting methods for individual I/O ports, refer to the following table.
Table 8-2
List of I/O Port Settings
Port name
Pin name
Function
Register set value
PxCR
PxOUTCR
PxFC
Other required settings
Port P0
P03 to P00
Port input
0
Without
register
0
Port output
1
0
P03
XTOUT
*
Without
register
P02
XTIN
*
1
P01
XOUT
*
Without
register
P00
XIN
*
1
Port P1
P13 to P11
Port input
0
Without
register
Without
register
Port output
1
P10
Port input
0
Note 1
P10
Port output
1
Note 1
P13
INT1 input
0
P12
INT0
input
0
P11
INT5
input
0
P11
STOP
input
0
P10
RESET
input
*
Note 1
Port P2
P27 to P20
Port input
0
*
*
Port output
1
*
0
P25
SCLK0 input
0
*
*
SERSEL<SRSEL0>="01"
SCLK0 output
1
*
1
SERSEL<SRSEL0>="01"
P24
SCL0 input/output
1
Without
register
1
SERSEL<SRSEL0>="*0"
SI input
0
*
SERSEL<SRSEL0>="01"
P23
SDA0 input/output
1
Without
register
1
SERSEL<SRSEL0>="*0"
SO output
1
1
SERSEL<SRSEL0>="01"
P22
SCLK0 input
0
*
*
SERSEL<SRSEL0>="10"
SCLK0 output
1
*
1
SERSEL<SRSEL0>="10"
P21
RXD0 input
0
*
*
SERSEL<SRSEL0>="0*"
SI0 input
0
*
*
SERSEL<SRSEL0>="10"
P20
TXD0 output
1
*
1
SERSEL<SRSEL0>="0*"
SO0 output
1
*
1
SERSEL<SRSEL0>="10"
Port P4
P47 to P40
Port input
0
Without
register
*
Port output
1
0
AIN7 to AIN0
0
1
KWI7 to KWI4
*
*
KWUCR1
KWI3 to KWI0
*
*
KWUCR0
Port P5
P57 to P50
Port input
0
Without
register
*
Port output
1
0
AIN15 to AIN8
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com