Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 103Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 104Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 105Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 106Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 107Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 108Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 109Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 110Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 410 page
background image
Page 93
TMP89FS60
RA005
Note 1: After the power is turned on, pin P10 serves as an external reset input. To use pin P10 as a port, refer to "How to
use the external reset input pin as a port".
Note 2: About SERSEL, please refer to "8.4 Serial Interface Selecting Function".
Note 3: The symbol and numeric characters in the table have the following meanings:
Port P7
P77 to P70
Port input
0
Without
register
*
Port output
1
0
P77
INT4 input
0
Without
register
P76
INT3 input
0
Without
register
P75
INT2 input
0
Without
register
P74
DVO
output
1
1
P73
TCA1 input
0
*
PPGA1
output
1
1
P72
TCA0 input
0
*
SERSEL<TCA0SEL>="00"
PPGA0
output
1
1
P71
TC01 input
0
*
PPG01
/ PWM01 output
1
1
P70
TC00 input
0
*
PPG00
/ PWM00 output
1
1
Port P8
P84 to P80
Port input
0
Without
register
*
Port output
1
0
P81
TC03 input
0
*
PPG03
/ PWM03 output
1
1
P80
TC02 input
0
*
PPG02
/ PWM02 output
1
1
Port P9
P94 to P90
Port input
0
*
*
Port output
1
*
0
P94
RXD2 input
0
*
Without
register
P93
TXD2 output
1
*
1
P92
SCLK1 input
0
*
*
SERSEL<SRSEL1>="10"
SCLK1 output
1
*
1
SERSEL<SRSEL1>="10"
P91
RXD1 input
0
*
Without
register
SERSEL<SRSEL1>="0*"
SI1 input
0
*
Without
register
SERSEL<SRSEL1>="10"
P90
TXD1 output
1
*
1
SERSEL<SRSEL1>="0*"
SO1 output
1
*
1
SERSEL<SRSEL1>="10"
Port PB
PB7 to PB0
Port input
0
Without
register
Without
register
Port output
1
Table 8-2
List of I/O Port Settings
Port name
Pin name
Function
Register set value
PxCR
PxOUTCR
PxFC
Other required settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com