Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 107Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 108Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 109Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 110Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 111Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 112Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 113Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 114Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 410 page
background image
Page 97
TMP89FS60
RA005
Note: P0CR1 and P0CR0 must be clear to "0".
Note 1: When SYSCR2<XEN> is "1", setting P0FC0 to "0" generates a system clock (internal factor) reset. Normally, ports P00 or
P01 are not used as ports, so P0FC0 must be set to "1".
Note 2: Symbol "I" means secondary function input
Port P0 output latch
P0DR
(0x0000)
76543
210
Bit Symbol
----
P03
P02
P01
P00
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected.
1:
Outputs H level when the output mode is selected.
Port P0 input/output control
P0CR
(0x0F1A)
76543
210
Bit Symbol
----
P0CR3
P0CR2
P0CR1
P0CR0
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
1:
Output mode (port output)
Port P0 function control
P0FC
(0x0F34)
76543
210
Bit Symbol
-----
P0FC2
-
P0FC0
Read/Write
RRRRR
R/W
R
R/W
After reset
00000
001
Function
0:
Port func-
tion
Port func-
tion
1:
XTIN (I)
XIN (I)
Port P0 built-in pull-up resistor control
P0PU
(0x0F27)
76543
210
Bit Symbol
----
P0PU2
P0PU2
P0PU1
P0PU0
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
The built-in pull-up resistor is not connected.
1:
The built-in pull-up resistor is connected. (The resistor is
connected in the input mode only. Under any other con-
ditions, setting to "1" does not make the resistor con-
nected.)
Port P0 input data
P0PRD
(0x000D)
76543
210
Bit Symbol
----
P0PRD3
P0PRD2
P0PRD1
P0PRD0
Read/Write
RRRRRRRR
After reset
0000
****
Function
If the port is in the input mode, the contents of the port
are read. If not, "0" is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com