Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 115 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 115 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 111Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 112Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 113Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 114Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 115Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 116Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 117Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 118Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 119Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 410 page
background image
Page 101
TMP89FS60
RA005
Note: Symbol "I" means secondary function input
Note 1: * : Don’t care
Note 2: i = 0 to 3
Port P1 output latch
P1DR
(0x0001)
76543
210
Bit Symbol
----
P13
P12
P11
P10
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Outputs L level when the output mode is selected.
1:
Outputs H level when the output mode is selected.
Port P1 input/output control
P1CR
(0x0F1B)
76543
210
Bit Symbol
----
P1CR3
P1CR2
P1CR1
P1CR0
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
Input mode (port input)
INT1 (I)
INT0
(I)
INT5
(I)
STOP
(I)
-
1:
Output mode (port output)
Port P1 built-in pull-up resistor control
P1PU
(0x0F28)
76543
210
Bit Symbol
----
P1PU4
P1PU2
P1PU1
P1PU0
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
0:
The built-in pull-up resistor is not connected.
1:
The built-in pull-up resistor is connected. (The resistor is
connected only when the port is used in the input mode
or as the open drain output. Under any other conditions,
setting to "1" does not make the resistor connected.)
Port P1 input data
P1PRD
(0x000E)
76543
210
Bit Symbol
----
P1PRD3
P1PRD2
P1PRD1
P1PRD0
Read/Write
RRRRRRRR
After reset
0000
****
Function
If the port is in the input mode, the contents of the port
are read. If not, "0" is read.
Table 8-7
P1PRD Read Value
Set condi-
tion
P1PRDi read value
P1CRi
0
Contents of port
1"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com