Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 115Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 116Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 117Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 118Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 119Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 120Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 121Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 122Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 410 page
background image
Page 105
TMP89FS60
RA005
Note: * : Don’t care
Note: i = 0 to 2, 5 to 7
Port P2 built-in pull-up resistor control
P2PU
(0x0F29)
76543
210
Bit Symbol
P2PU7
P2PU6
P2PU5
-
-
P2PU2
P2PU1
P2PU0
Read/Write
R/W
R/W
R/W
R
R
R/W
R/W
R/W
After reset
00000
000
Function
0:
The built-in pull-up resistor is not con-
nected.
The built-in pull-up resistor is not con-
nected.
1:
The built-in pull-up resistor is connected.
(The resistor is connected only when the
port is used in the input mode or as the
open drain output. Under any other con-
ditions, setting to "1" does not make the
resistor connected.)
The built-in pull-up resistor is connected.
(The resistor is connected only when the
port is used in the input mode or as the
open drain output. Under any other con-
ditions, setting to "1" does not make the
resistor connected.)
Port P2 input data
P2PRD
(0x000F)
76543
210
Bit Symbol
P2PRD7
P2PRD6
P2PRD5
P2PRD4
P2PRD3
P2PRD2
P2PRD1
P2PRD0
Read/Write
RRRRRRRR
After reset
*
*******
Function
If the port is used in the input mode or as
the open drain output, the contents of the
port are read. If not, "0" is read.
The contents of the port
are read without condition.
If the port is used in the input mode or as
the open drain output, the contents of the
port are read. If not, "0" is read.
Table 8-9
P2PRD Read Value (P20 to P22, P25 to P27)
Set condition
P2PRDi read value
P2CRi
P2OUTCRi
0
*
Contents of port
10
"0"
1
1
Contents of port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com