Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 112Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 113Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 114Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 115Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 116Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 117Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 118Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 119Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 410 page
background image
Page 102
8. I/O Ports
8.3 I/O Port Registers
TMP89FS60
RA005
8.3.3
Port P2 (P27 to P20)
Port P2 is an 8-bit input/output port that can be set to input or output for each bit individually, and it is also
used as the serial bus interface input/output, the serial interface input/output, the UART input/output and the
on-chip debug function.
The output circuit has the P-channel output control function and either the sink open drain output or the C-
MOS output can be selected. Port P2 contains a programmable pull-up resistor on the VDD side. This pull-up
resistor can be used when the port is used in the input mode or as a sink open drain output.
When this port is used as the serial bus interface, the serial interface or the UART, setting for serial interface
selecting function is also needed. For details, refer to "8.4 Serial Interface Selecting Function".
For the on-chip debug function, refer to the chapter of "On-chip Debug Function (OCD)".
Table 8-8
Port P2
P27P26
P25P24
P23
P22
P21P20
Secondary
function
--
SCLK0
SI0
SCL0
SO0
SDA0
SCLK0
SI0
RXD0
OCDIO
SO0
TXD0
OCDCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com