Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 113 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 113 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 117Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-111
Baud Rate Generator 0 Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
BR0CK1
BR0CK0
BR0S3
BR0S2
BR0S1
BR0S0
BR0CR
(0053H)
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
Function
(Note)
Always
write “0”.
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Setting of the divided frequency
Setting of the divided frequency of baud
rate generator 0
0000
16 divisions
0001
to
1111
1 division (Not divided)
(Note 2)
to
15 divisions
Selecting the input clock of baud rate generator
00
Internal clock
φT0
01
Internal clock
φT2
10
Internal clock
φT8
11
Internal clock
φT32
Note 1:
To use baud rate generator, set TRUN<PRRUN> to “1”, putting the prescaler in RUN mode.
Note 2:
“1 division” of baud rate generator can be used only UART mode. Do not set it in I/O interface mode.
Note 3:
Bit6 of BR0CR is read as “1”.
Note 4:
Don’t read from or write to BR0CR register during sending or receiving.
Serial Channel 0 Buffer Register
7
6
5
4
3
2
1
0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
Bit symbol
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
Read/Write
R (Receiving)/W (Transmission)
SC0BUF
(0050H)
After reset
Undefined
Note: Read-modify-write instruction is prohibited for SC0BUF.
Figure 3.9.4 Serial Channel 0 Related Registers (3/7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com