Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-115
Port 6 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P65F
P63F
P62F
P60F
P6FC
(0016H)
Read/Write
W
W
W
After reset
0
0
0
0
Function
0: Port
1: SCLK1
0: Port
1: TXD1
0: Port
1: SCLK0
0: Port
1: TXD0
Setting TXD0 output of P60
0
Port
1
TXD0 output (Channel 0)
Setting SCLK0 output of P62
0
Port
1
SCLK0 output (Channel 0)
Setting TXD1 output of P63
0
Port
1
TXD1 output (Channel 1)
Setting SCLK1 output of P65
0
Port
1
SCLK1 output (Channel 1)
Note: Read-modify-write instruction is prohibited for P6FC.
Open Drain Enable Register
7
6
5
4
3
2
1
0
Bit symbol
−
−
ODE63
ODE60
ODE
(0058H)
Read/Write
R/W
After reset
0
0
0
0
Function
Always write “0”.
(This bit is read as “0”.)
P63
0: CMOS
1: Open
drain
P60
0: CMOS
1: Open
drain
Setting P60 as open-drain output
0
CMOS output
1
Open-drain output
Setting P63 as open-drain output
0
CMOS output
1
Open-drain output
Note: Bit7 to 4 of ODE are read as “1”.
Figure 3.9.8 Serial Channel Related Registers (7/7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com