Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-114
Baud Rate Generator 1 Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
BR1CK1
BR1CK0
BR1S3
BR1S2
BR1S1
BR1S0
BR1CR
(0057H)
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
Function
(Note)
Always
write “0”.
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Setting of the Divided frequency
Setting of the divided frequency of baud
rate generator 1
0000
16 divisions
0001
to
1111
1 division (Not divided)
(Note 2)
to
15 divisions
Selecting the input clock of baud rate generator
00
Internal clock
φT0
01
Internal clock
φT2
10
Internal clock
φT8
11
Internal clock
φT32
Note 1:
To use baud rate generator, set TRUN<PRRUN>to “1”, putting the prescaler in RUN mode.
Note 2:
“1 division” of baud rate generator can be used only UART mode. Do not set it in I/O interface mode.
Note 3:
Bit6 of BR1CR is read as “1”.
Note 4:
Don’t read from or write to BR1CR register during sending or receiving.
Serial Channel 1 Buffer Register
7
6
5
4
3
2
1
0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
Bit symbol
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
Read/Write
R (Receiving)/W (Transmission)
SC1BUF
(0054H)
After reset
Undefined
Note: Read-modify-write instruction is prohibited for SC1BUF.
Figure 3.9.7 Serial Channel 1 Related Registers (6/7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com