Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 121 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 121 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-119
The clock selected among fFPH clock and fc/16 clock is divided by 4 and input to this
prescaler. This is selected by prescaler clock selection register SYSCR0<PRCK1:0>
Resetting sets <PRCK1:0> to “00” and selects the fFPH clock input divided by 4.
Baud rate generator selects between 4 clock inputs
φT0, φT2, φT8, and φT32 among
the prescaler outputs.
The prescaler can be run or stopped by the timer operation control register
TRUN<PRRUN>. Counting starts when <PRRUN> is set to “1”, while the prescaler is
cleared to zero and stops operation when <PRRUN> is cleared to “0”.
When the IDLE1 mode (operates only oscillator) is used, clear TRUN<PRRUN> to
“0” to reduce the power consumption of this prescaler before “HALT” instruction is
executed.
2. Baud rate generator
Baud rate generator comprises a circuit that generates transmission and receiving
clocks to determine the transfer rate of the serial channel.
The input clock to the baud rate generator,
φT0, φT2, φT8, or φT32 is generated by
the 9-bit prescaler which is shared by the timers. One of these input clocks is selected
by the baud rate generator control register BR0CR<BR0CK1:0>.
The baud rate generator includes a 4-bit frequency divider, which divides frequency
by 1 to 16 values to determine the transfer rate.
How to calculate a transfer rate when the baud rate generator is used is explained
below.
•
UART mode
Input clock of baud rate generator
Baud rate
=
Frequency divisor of baud rate generator
÷ 16
•
I/O interface mode
Input clock of baud rate generator
Baud rate
=
Frequency divisor of baud rate generator
÷
2
Accordingly, when source clock fc is 12.288 MHz, input clock is
φT2 (fc/16), and
frequency divisor is 5, the transfer rate in UART mode becomes as follows:
* Clock condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
fc/16
Baud rate
=
5
÷ 16
= 12.288 × 106 ÷ 16 ÷ 5 ÷ 16 = 9600 (bps)
The maximum baud rate of this baud rate generator is 307.2 kbps.
Table 3.9.2 shows an example of the transfer rate in UART mode.
Also with 8-bit timer 2, the serial channel can get a transfer rate. Table 3.9.3 shows
an example of baud rate using timer 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com