Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-122
6. Receiving buffer
To prevent overrun error, the receiving buffer has a double buffer structure.
Received data are stored one bit by one bit in the receiving buffer 1 (shift register
type). When 7 bits or 8 bits of data is stored in the receiving buffer 1, the stored data
are transferred to the receiving buffer 2 (SC0BUF), generating an interrupt INTRX0.
The CPU reads only receiving buffer 2 (SC0BUF). Even before the CPU reads the
receiving buffer 2 (SC0BUF), the received data can be stored in the receiving buffer 1.
However, unless the receiving buffer 2 (SC0BUF) is read before all bits of the next data
are received by the receiving buffer 1, an overrun error occurs. If an overrun error
occurs, the contents of the receiving buffer 1 will be lost, although the contents of the
receiving buffer 2 and SC0CR<RB8> is still preserved.
The parity bit added in 8-bit UART mode and the most significant bit (MSB) in 9-bit
UART mode are stored in SC0CR<RB8>.
When in 9-bit UART mode, the wake-up function of the slave controllers is enabled
by setting SC0MOD<WU> to “1”, and interrupt INTRX0 occurs only when
SC0CR<RB8> is set to “1”.
7. Transmission counter
Transmission counter is a 4-bit binary counter which is used in UART mode, counts
by SIOCLK clock, and generating TXDCLK every 16 clock pulses.
Figure 3.9.12 Generation of Transmission Clock
8. Transmission controller
•
I/O interface mode
In SCLK0 output mode with the setting of SC0CR<IOC>
= “0”, the data in the
transmission buffer are output bit by bit to TXD0 pin at the rising edge of shift
clock which is output from SCLK0 pin.
In SCLK0 input mode with the setting of SC0CR<IOC>
= “1”, the data in the
transmission buffer are output bit by bit to TXD0 pin at the rising edge or falling
edge of SCLK0 input according to the setting of SC0CR<SCLKS> register.
•
UART mode
When transmission data are written in the transmission buffer sent from the
CPU, transmission starts at the rising edge of the next TXDCLK, generating a
transmission shift clock TXDSFT.
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
SIOCLK
TXDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com