Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 123 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 123 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 127Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-121
3. Serial clock generation circuit
This circuit generates the basic clock for transmitting and receiving data.
•
I/O interface mode
When in SCLK output mode with the setting of SC0CR<IOC>
= “0”, the basic
clock will be generated by dividing by 2 the output of the baud rate generator
described before. When in SCLK input mode with the setting of SC0CR<IOC>
= “1”,
the rising edge or falling edge will be detected according to the setting of
SC0CR<SCLKS> register to generate the basic clock.
•
UART mode
According to the setting of SC0MOD<SC1:0>, the above baud rate generator
clock, internal clock
φ1 (Max 625 kbps at fc = 20 MHz), the match detect signal
from timer 2, or external clock SCLK0 will be selected to generate the basic clock
SIOCLK.
4. Receiving counter
The receiving counter is a 4-bit binary counter used in UART mode and counts up by
SIOCLK clock. 16 pulses of SIOCLK are used for receiving 1 bit of data, and the data
bit is sampled three times at 7th, 8th, and 9th clock.
With the three samples, the received data is evaluated by the rule of majority.
For example, if the sampled data bit is “1”, “0”, and “1” at 7th, 8th, and 9th clock
respectively, the received data is evaluated as “1”. The sampled data “0”, “0”, and “1” is
evaluated that the received data is “0”.
5. Receiving control
•
I/O interface mode
When in SCLK0 output mode with the setting of SC0CR<IOC>
= “0”, RXD0
signal will be sampled at the rising edge of shift clock which is output to SCLK0
pin.
When in SCLK0 input mode with the setting SC0CR<IOC>
= “1” RXD0 signal
will be sampled at the rising edge or falling edge of SCLK0 input according to the
setting of SC0CR<SCLKS> register.
•
UART mode
The receiving control has a circuit for detecting the start bit by the rule of
majority. When two or more “0” are detected during 3 samples, it is recognized as
start bit and the receiving operation is started.
Data being received are also evaluated by the rule of majority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com