Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 126 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 126 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 130Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-124
9. Transmission buffer
Transmission buffer (SC0BUF) shifts out and sends the transmission data written
from the CPU from the least significant bit (LSB) in order. When all bits are shifted out,
the transmission buffer becomes empty and generates INTTX0 interrupt.
10. Parity control circuit
When serial channel control register SC0CR<PE>is set to “1”, it is possible to
transmit and receive data with parity. However, parity can be added only in 7-bit
UART or 8-bit UART mode. With SC0CR<EVEN> register, even (odd) parity can be
selected.
For transmission, parity is automatically generated according to the data written in
the transmission buffer SC0BUF, and data are transmitted after being stored in
SC0BUF<TB7> when in 7-bit UART mode while in SC0MOD<TB8> when in 8-bit
UART mode. <PE> and <EVEN> must be set before transmission data are written in
the transmission buffer.
For receiving, data are shifted in the receiving buffer 1, and parity is added after the
data are transferred in the receiving buffer 2 (SC0BUF), and then compared with
SC0BUF<RB7> when in 7-bit UART mode and with SC0MOD<RB8> when in 8-bit
UART mode. If they are not equal, a parity error occurs, and SC0CR<PERR> flag is
set.
11. Error flag
Three error flags are provided to increase the reliability of receiving data.
•
Overrun error <OERR>
If all bits of the next data are received in receiving buffer 1 while valid data are
stored in receiving buffer 2 (SC0BUF), an overrun error will occur.
•
Parity error <PERR>
The parity generated for the data shifted in receiving buffer 2 (SC0BUF) is
compared with the parity bit received from RXD pin. If they are not equal, a parity
error occurs.
•
Framing error <FERR>
The stop bit of received data is sampled three times around the center. If the
majority is “0”, a framing error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com