Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 148 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 148 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 152Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-146
Watchdog Timer Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
WDCR
(005DH)
Read/Write
W
After reset
−
Function
B1H: WDT disable code
4EH: WDT clear code
Disable/clear WDT
B1H
Disable code
4EH
Clear code
Others
Don’t set
Note:
When the watchdog timer is in operation, T45CR<QCU> is cleared to “0”.
Figure 3.11.5 Watchdog Timer Related Register (2/2)
Table 3.11.1 Watchdog Timer Detecting Time
at fc
= 20 MHz
Watchdog Timer Detecting Time
WDMOD<WDTP1:0>
Gear value
<GEAR2:0>
00
01
10
11
000 (fc)
3.277 ms
13.107 ms
52.429 ms
209.715 ms
001 (fc/2)
6.554 ms
26.214 ms
104.858 ms
419.430 ms
010 (fc/4)
13.107 ms
52.429 ms
209.715 ms
838.861 ms
011 (fc/8)
26.214 ms
104.858 ms
419.430 ms
1.678 s
100 (fc/16)
52.429 ms
209.715 ms
838.861 ms
3.355 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com