Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 150 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 150 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 154Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-148
4.
Electrical Characteristics
4.1
Absolute Maximum Ratings (TMP93CS32F)
Parameter
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 6.5
Input voltage
VIN
−0.5 to VCC + 0.5
V
Output current (per 1 pin) P7
IOL1
20
Output current (per 1 pin) except P7
IOL2
2
Output current (total)
Σ IOL
120
Output current (total)
Σ IOH
−80
mA
Power dissipation (Ta
= 85°C)
PD
350
mW
Soldering temperature (10 s)
TSOLDER
260
Storage temperature
TSTG
−65 to 150
Operating temperature
TOPR
−40 to 85
°C
Note: The absolute maximum ratings are rated values which must not be exceeded during
operation, even for an instant. Any one of the ratings must not be exceeded. If any absolute
maximum rating is exceeded, a device may break down or its performance may be
degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating
value will ever be exceeded.
4.2
DC Characteristics
Ta = −40 to 85°C
Parameter
Symbol
Condition
Min
Typ. (Note)
Max
Unit
fc
= 4 to 20 MHz
4.5
Power supply voltage
AVCC = VCC
AVSS = VSS = 0 V
VCC
fc
= 4 to 12.5 MHz
2.7
5.5
VCC ≥ 4.5 V
0.8
AD0 to AD15
VIL
VCC < 4.5 V
0.6
Port 2 to 7 (Except P35)
VIL1
0.3 VCC
RESET
, NMI , INT0
VIL2
0.25 VCC
EA
, AM8/
16
AM
VIL3
0.3
Input
low
voltage
X1
VIL4
VCC = 2.7 to 5.5 V
−0.3
0.2 VCC
2.2
AD0 to AD15
VIH
VCC ≥ 4.5 V
VCC < 4.5 V
2.0
Port 2 to 7 (Except P35)
VIH1
0.7 VCC
RESET
, NMI , INT0
VIH2
0.75 VCC
EA
, AM8/
16
AM
VIH3
VCC − 0.3
Input
high
voltage
X1
VIH4
VCC = 2.7 to 5.5 V
0.8 VCC
VCC + 0.3
Output low voltage
VOL
IOL = 1.6 mA
(VCC = 2.7 to 5.5 V)
0.45
V
(VCC = 5 V ± 10%)
16
Output low current (P7)
IOL7
VOL =
1.0 V
(VCC = 3 V ± 10%)
7
mA
VOH1
IOH = −400 µA
(VCC = 3 V ± 10%)
2.4
Output high voltage
VOH2
IOH = −400 µA
(VCC = 5 V ± 10%)
4.2
V
Note: Typical values are for Ta
= 25°C and VCC = 5 V unless otherwise noted.
“X” used in an expression shows a cycle of clock fFPH. If a clock
gear or a low speed oscillator is selected, a value of “X” is
different. The value as an example is gear = 1/fc
(SYSCR1<GEAR2:0> = “000”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com