Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 149 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 149 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 153Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-147
3.11.3
Operation
The watchdog timer generates interrupt INTWD after the detecting time set in the
WDMOD<WDTP1:0>. The watchdog timer must be zero-cleared by software before an
INTWD interrupt is generated. If the CPU malfunctions (Runaway) due to causes such as
noise, but does not execute the instruction used to clear the binary counter, the binary
counter overflows and an INTWD interrupt is generated. The CPU detects malfunction
(Runaway) due to the INTWD Interrupt and it is possible to return to normal operation by
an anti-mulfunction program. By connecting the watchdog timer out pin to peripheral
devices’ resets, a CPU malfunction can also be acknowledged to other devices.
The watchdog timer restarts operation immediately after resetting is released.
The watchdog timer stops its operation in the IDLE1 and STOP modes. In the RUN and
IDLE2 modes, the watchdog timer is enabled.
However, the function can be disabled when entering the RUN, IDLE2 mode.
Example:
1. Clear the binary counter.
WDCR
← 0 1 0 0 1 1 1 0
Write clear code (4EH).
2. Set the watchdog timer detecting time to 2
17/fSYS.
WDMOD
← 1 0 1 −− − XX
3. Disable the watchdog timer.
WDMOD
← 0 − − − − − X X
Clear WDTE to “0”.
WDCR
← 1 0 1 1 0 0 0 1
Write disable code (B1H).
4. Set IDLE1 mode.
WDMOD
← 0 − − − 10 X X
WDCR
← 1 0 1 1 0 0 0 1
Disables WDT and sets IDLE1 mode.
Executes HALT command.
Set the HALT mode.
5. Set the STOP mode (Warm-up time: 2
16/fSYS).
WDMOD
←− − − 1 0 1 X X
Set the STOP mode.
Executes HALT command.
Set the HALT mode.
X: Don’t care
−: No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com