Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-155
4.5
AD Conversion Characteristics
AVCC = VCC, AVSS = VSS
Parameter
Symbol
Power Supply
Min
Typ.
Max
Unit
VCC = 5 V ± 10%
VCC − 0.2
VCC
VCC
Analog reference voltage (
+)
VREFH
VCC = 3 V ± 10%
VCC − 0.2
VCC
VCC
VCC = 5 V ± 10%
VSS
VSS
VSS + 0.2
Analog reference voltage (
−)
VREFL
VCC = 3 V ± 10%
VSS
VSS
VSS + 0.2
Analog input voltage range
VAIN
VREFL
VREFH
V
VCC = 5 V ± 10%
0.5
1.5
Analog current for analog
reference voltage
<VREFON>
= 1
VCC = 3 V ± 10%
0.3
0.9
mA
<VREFON>
= 0
IREF
(VREFL = 0 V)
VCC = 2.7 to 5.5 V
0.02
5.0
µA
VCC = 5 V ± 10%
±1.0
±3.0
Error
(except quantization errors)
−
VCC = 3 V ± 10%
±1.0
±5.0
LSB
Note 1: 1LSB
= (VREFH − VREFL)/2
10 [V].
Note 2: The operation above is guaranteed for fFPH ≥ 4 MHz.
Note 3: The value ICC includes the current which flows through the AVCC pin.
4.6
Event Counter Input Clock (External Input Clock: TI4, TI5, TI6, and TI7)
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Clock cycle
tVCK
8X
+ 100
740
500
ns
Low level clock pulse width
tVCKL
4X
+ 40
360
240
ns
High level clock pulse width
tVCKH
4X
+ 40
360
240
ns
4.7
Interrupt and Capture Operation
(1) NMI , INT0 interrupts
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
NMI
, INT0 low level pulse width
tINTAL
4X
320
200
ns
NMI
, INT0 high level pulse width
tINTAH
4X
320
200
ns
(2) INT4 to INT7 interrupts and capture
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
INT4 to INT7 low level pulse width
tINTBL
4X
+ 100
420
300
ns
INT4 to INT7 high level pulse width
tINTBH
4X
+ 100
420
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com