Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-159
(2) I/O port control (1/2)
Symbol
Name Address
7
6
5
4
3
2
1
0
P07C
P06C
P05C
P04C
P03C
P02C
P01C
P00C
W
0
0
0
0
0
0
0
0
P0CR
PORT0
control
02H
(Prohibit
RMW)
0: IN 1: OUT (When external access, set as AD7 to AD0 and cleared to “0”.)
P17C
P16C
P15C
P14C
P13C
P12C
P11C
P10C
W
0
0
0
0
0
0
0
0
P1CR
PORT1
control
04H
(Prohibit
RMW)
<<Refer to the “P1FC”>>
P17F
P16F
P15F
P14F
P13F
P12F
P11F
P10F
W
0
0
0
0
0
0
0
0
P1FC
PORT1
function
05H
(Prohibit
RMW)
P1FC/P1CR
= 00: IN, 01: OUT, 10: AD15 to AD8, 11: A15 to A8
P27C
P26C
P25C
P24C
P23C
P22C
P21C
P20C
W
0
0
0
0
0
0
0
0
P2CR
PORT2
control
08H
(Prohibit
RMW)
<<Refer to the “P2FC”>>
P27F
P26F
P25F
P24F
P23F
P22F
P21F
P20F
W
0
0
0
0
0
0
0
0
P2FC
PORT2
function
09H
(Prohibit
RMW)
P2FC/P2CR
= 00: IN, 01: OUT, 10: A7 to A0, 11: A23 to A16
P35C
−
−
P32C
W
0
−
−
0
P3CR
PORT3
control
0AH
(Prohibit
RMW)
0: IN
1: OUT
(Note) Always write “1”.
0: IN
1: OUT
−
−
−
P32F
P31F
P30F
W
W
−
−
−
0
0
0
P3FC
PORT3
function
0BH
(Prohibit
RMW)
(Note) Always
write “0”.
(Note) Always write “0”.
0: Port
1: HWR
0: Port
1: WR
0: Port
1: RD
P47C
P46C
P45C
P44C
P43C
P42C
P41C
−
W
0
0
0
0
0
0
0
−
P4CR
PORT4
control
0EH
(Prohibit
RMW)
0: IN
1: OUT
(Note) Always
write “1”.
P47F
P44F
P41F
W
W
W
0
0
0
P4FC
PORT4
function
10H
(Prohibit
RMW)
0: Port
1: TO6
0: Port
1: TO4
0: Port
1: TO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com