Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 162 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 162 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 166Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-160
I/O port control (2/2)
Symbol
Name Address
7
6
5
4
3
2
1
0
−
−
P65C
P64C
P63C
P62C
P61C
P60C
W
−
−
0
0
0
0
0
0
P6CR
PORT6
control
14H
(Prohibit
RMW)
(Note) Always write “1”.
0: IN
1: OUT
−
−
−
−
−
−
P71C
P70C
W
−
−
−
−
−
−
0
0
P7CR
PORT7
control
15H
(Prohibit
RMW)
(Note) Always write “1”.
0: IN
1: OUT
P65F
P63F
P62F
P60F
W
W
W
0
0
0
0
P6FC
PORT6
function
16H
(Prohibit
RMW)
0: Port
1: SCLK1
0: Port
1: TXD1
0: Port
1: SCLK0
0: Port
1: TXD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com