Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 164 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 164 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 168Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-162
(4) Interrupt control (1/2)
Symbol
Name Address
7
6
5
4
3
2
1
0
INTAD
INT0
IADC
IADM2
IADM1
IADM0
I0C
I0M2
I0M1
I0M0
R/W
W
R/W
W
INTE0AD
INT0/AD
enable
register
70H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INT5
INT4
I5C
I5M2
I5M1
I5M0
I4C
I4M2
I4M1
I4M0
R/W
W
R/W
W
INTE45
INT4/5
enable
register
71H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INT7
INT6
I7C
I7M2
I7M1
I7M0
I6C
I6M2
I6M1
I6M0
R/W
W
R/W
W
INTE67
INT6/7
enable
register
72H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTT1 (Timer1)
INTT0 (Timer0)
IT1C
IT1M2
IT1M1
IT1M0
IT0C
IT0M2
IT0M1
IT0M0
R/W
W
R/W
W
INTET10
INTT1/0
enable
register
73H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTT3 (Timer3)
INTT2 (Timer2)
IT3C
IT3M2
IT3M1
IT3M0
IT2C
IT2M2
IT2M1
IT2M0
R/W
W
R/W
W
INTET32
INTT3/2
enable
register
74H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTTR5 (TREG5)
INTTR4 (TREG4)
IT5C
IT5M2
IT5M1
IT5M0
IT4C
IT4M2
IT4M1
IT4M0
R/W
W
R/W
W
INTET54
INTT5/4
enable
register
75H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTTR7 (TREG7)
INTTR6 (TREG6)
IT7C
IT7M2
IT7M1
IT7M0
IT6C
IT6M2
IT6M1
IT6M0
R/W
W
R/W
W
INTET76
INTT7/6
enable
register
76H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTTO5
INTTO4
ITO5C
ITO5M2
ITO5M1
ITO5M0
ITO4C
ITO4M2
ITO4M1
ITO4M0
R/W
W
R/W
W
INTEO54
INTTO5/4
enable
register
77H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTTX0
INTRX0
ITX0C
ITX0M2
ITX0M1
ITX0M0
IRX0C
IRX0M2
IRX0M1
IRX0M0
R/W
W
R/W
W
INTES0
INTRX0/
TX0
enable
register
78H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
INTTX1
INTTRX1
ITX1C
ITX1M2
ITX1M1
ITX1M0
IRX1C
IRX1M2
IRX1M1
IRX1M0
R/W
W
R/W
W
INTES1
INTRX1/
TX1
enable
register
79H
(Prohibit
PMW)
0
0
0
0
0
0
0
0
IxxM2
IxxM1
IxxM0
Function (Write)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Prohibits interrupt request.
Sets interrupt request level to “1”.
Sets interrupt request level to “2”.
Sets interrupt request level to “3”.
Sets interrupt request level to “4”.
Sets interrupt request level to “5”.
Sets interrupt request level to “6”.
Prohibits interrupt request.
IxxC
Function (Read)
Function (Write)
0
Indicates no interrupt request.
Clears interrupt request flag.
1
Indicates interrupt request.
- - - - - Don’t care - - - - -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com